Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF30-015 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # SF30-015
Description  3A SUPER FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SF30-015 Datasheet(HTML) 2 Page - Frontier Electronics.

  SF30-015 Datasheet HTML 1Page - Frontier Electronics. SF30-015 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SF30-005 THRU SF30-06
Page: 2
RATINGS AND CHARACTERISTIC CURVE SF30-005 THRU SF30-06
6
5
4
3
2
1
0
25 50 75 100 125 150 175
AMBIENT TEMPERATURE (
oC)
FIG. 2-TYPICAL FORWARD
CURRENT DERATING CURVE
Single Phase Half
Wave 60 Hz
Resistive or
Inductive Load
+0.5A
0
-0.25A
-1.0A
Trr
1cm
SET TIME BASE
FOR 10/20 ns/cm
FIG. 4-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
.4
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
INSTANTANEOUS FORWARD VOLTAGE (V)
SF30-005~30-02
SF30-06
10.0
1.0
.1
.01
.001
SF30-03~30-04
FIG. 6-TYPICAL JUNCTION CAPACITANCE
.1
.2
.4
1.0
2
4
10
20
40
100
REVERSE VOLTAGE (V)
200
100
40
20
10
6
4
2
1
SF30-005~30-02
SF30-03~30-06
TJ=25
oC
FIG. 5-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
175
150
125
100
75
50
25
0
8.3 ms Single Half Sine Wave
(JEDEC Method)
TJ=25
oC
1
5
10
20
50
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3-TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
1000
100
10
1.0
0.1
.01
FIG. 1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
PULSE
GENERATOR
( NOTE 2 )
(+)
25 Vdc
(approx)
(-)
D.U.T.
1
Ω
NON
INDUCTIVE
OSCILLOSCOPE
( NOTE 1 )
50
Ω
NO INDUCTIVE
100
Ω
NO INDUCTIVE
(-)
(+)
NOTE: 1. RISE TIME=7ns MAX. INPUT
IMPEDANCE=1 MOhms 22PF
2. RISE TIME =10ns MAX. SOURCE
IMPEDANCE=50 OHMS


Similar Part No. - SF30-015

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SF30-015-LFR FRONTIER-SF30-015-LFR Datasheet
128Kb / 3P
   3A SUPER FAST RECOVERY RECTIFIER
SF30-015G FRONTIER-SF30-015G Datasheet
127Kb / 2P
   3A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF30-015

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SF30-005-LFR FRONTIER-SF30-005-LFR Datasheet
128Kb / 3P
   3A SUPER FAST RECOVERY RECTIFIER
SFS3A-LFR FRONTIER-SFS3A-LFR Datasheet
131Kb / 2P
   3A SUPER FAST RECOVERY SURFACE MOUNT RECTIFIER
SF30-005G FRONTIER-SF30-005G Datasheet
127Kb / 2P
   3A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
SFS3A FRONTIER-SFS3A Datasheet
131Kb / 2P
   3A SUPER FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
SUNMATE electronic Co.,...
SF5400 SUNMATE-SF5400 Datasheet
166Kb / 2P
   3A Axial Leaded Super Fast Soft Recovery Rectifier
logo
Shindengen Electric Mfg...
DE3L40 SHINDENGEN-DE3L40 Datasheet
447Kb / 7P
   Super Fast Recovery Rectifiers(400V 3A)
SF3L60U SHINDENGEN-SF3L60U Datasheet
332Kb / 6P
   Super Fast Recovery Rectifiers(600V 3A)
S3L20U SHINDENGEN-S3L20U Datasheet
428Kb / 7P
   Super Fast Recovery Rectifiers(200V 3A)
logo
Frontier Electronics.
FR30-005 FRONTIER-FR30-005 Datasheet
124Kb / 2P
   3A FAST RECOVERY PLASTIC RECTIFIER
FR30-005-LFR FRONTIER-FR30-005-LFR Datasheet
124Kb / 2P
   3A FAST RECOVERY PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com