Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX3431M Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX3431M
Description  Micropower 2.5V Precision Adjustable Shunt Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX3431M Datasheet(HTML) 3 Page - Sipex Corporation

  SPX3431M Datasheet HTML 1Page - Sipex Corporation SPX3431M Datasheet HTML 2Page - Sipex Corporation SPX3431M Datasheet HTML 3Page - Sipex Corporation SPX3431M Datasheet HTML 4Page - Sipex Corporation SPX3431M Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev. 10/25/00
SPX3431
ELECTRICAL CHARACTERISTICS are guaranteed over full junction temperature range (0°C to 105°C). Ambient
temperature must be derated based on power dissipation and package thermal characteristics. The conditions are: VKA = VREF and
IK = 10mA, unless otherwise specified.
SPX3431A
SPX3431
Parameter
Symbol
Test Condition
Min
Typ
Max
Min
Typ
Max
Unit
Circuit
Reference Voltage
VREF
TA = 25
° C
2.490
2.503
2.515
2.475
2.500
2.525
V
1
Over Temp.
2.480
2.530
2.450
2.550
V
1
∆VREF with Temp*
TC
0.07
0.20
0.07
0.02
mV/
°C
1
Ratio of Change in VREF
∆VREF
VREF to 10 V
-2.7
-1.01
-2.7
-1.01
to Cathode Voltage
∆VK
10 V 10 18 V
-2
-0.4
0.3
-2
-0.4
0.3
Reference Input Current
IREF
0.7
4
0.7
4
µA
2
IREF Temp Deviation
∆IREF
0.4
1.2
0.4
1.2
µA
2
Min IK for Regulation
IK (MIN)
VREF = 0V
VKA = 18V
0.4
1
0.4
1
mA
1
Off State Leakage
IK (OFF)
0.04
500
0.04
500
nA
3
Dynamic Output
Impedance
ZKA
f < 1 kHz IK =
1 to 100mA
0.15
0.5
0.15
0.5
1
Calculating Average Temperature Coefficient (TC)
MV/V
2
∆Τ
0
0.019 mV/°C
∆V
REF
0
0
0
-10
-5
0.2
2000
Temperature (°C)
0.001 %/°C
7.6 ppm/°C
15
30
45
60
75
90 105
TC in mV/°C =
∆V
REF (mV)
∆T
A
TC in %/°C =
V
REF at 25°C
∆T
A
∆V
REF
) x 100
TC in ppm/°C =
V
REF at 25°C
∆T
A
∆V
REF
) x 106


Similar Part No. - SPX3431M

ManufacturerPart #DatasheetDescription
logo
StarHope
SPX350F SPSEMI-SPX350F Datasheet
835Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
SPX350F SPSEMI-SPX350F Datasheet
45Kb / 3P
   Gas Discharge Tube SPX Series
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
   500 mA, Low-Noise LDO Voltage Regulator
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
SPX3819 SIPEX-SPX3819 Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
More results

Similar Description - SPX3431M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L431 ETC1-L431 Datasheet
291Kb / 11P
   2.5V Low-Voltage Adjustable Precision Shunt Regulator
logo
Gamma Microelectronics ...
GM431 GAMMA-GM431_08 Datasheet
202Kb / 11P
   2.5V ADJUSTABLE SHUNT REGULATOR
GM431S GAMMA-GM431S Datasheet
543Kb / 11P
   2.5V ADJUSTABLE SHUNT REGULATOR
logo
List of Unclassifed Man...
B431 ETC1-B431 Datasheet
270Kb / 11P
   2.5V Adjustable Shunt Regulator
logo
Gamma Microelectronics ...
GM431 GAMMA-GM431 Datasheet
225Kb / 14P
   2.5V ADJUSTABLE SHUNT REGULATOR
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com