Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF20-015 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # SF20-015
Description  2A SUPER FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SF20-015 Datasheet(HTML) 1 Page - Frontier Electronics.

  SF20-015 Datasheet HTML 1Page - Frontier Electronics. SF20-015 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF20-005 THRU SF20-06
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
2A SUPER FAST RECOVERY RECTIFIER
SF20-005 THRU SF20-06
FEATURES
HIGH RELIABILITY
LOW FORWARD VOLTAGE
SUPER FAST SWITCHING
GOOD FOR 200KHZ POWER SUPPLIER
HIGH SURGE CAPABILITY
HIGH CURRENT CAPABILITY
MECHANICAL DATA
CASE: MOLDED PLASTIC, DO15, DIMENSIONS IN INCHES
AND (MILLIMETERS)
EPOXY: UL 94V-0 MOLDING COMPOUND
LEADS: MIL-STD-202E METHOD 208C GUARANTEED
MOUNTING POSITION: ANY
WEIGHT: 0.4 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
SF20
-005
SF20
-01
SF20
-015
SF20
-02
SF20
-03
SF20
-04
SF20
-05
SF20
-06
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
150
200
300
400
500
600
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
105
140
210
280
350
420
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
1500
200
300
400
500
600
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
0.375”(9.5mm) LEAD LENGTH AT TA=55
°C
IO
2.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
75
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
30
20
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθja
40
℃/W
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 150
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
SF20
-005
SF20
-01
SF20
-015
SF20
-02
SF20
-03
SF20
-04
SF20
-05
SF20
-06
UNITS
MAXIMUM FORWARD VOLTAGE AT IO DC
VF
0.95
1.25
1.85
V
MAXIMUM REVERSE CURRENT AT 25
IR
10
μA
MAXIMUM REVERSE CURRENT AT 100
IR
100
μA
MAXIMUM REVERSE RECOVERY TIME (NOTE 3)
TRR
35
nS
NOTE :
1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
2. BOTH LEADS ATTACHED TO HEAT SINK 20x20x1t(mm) COPPER PLATE AT LEAD LENGTH 5mm
3. REVERSE RECOVERY TEST CONDITIONS: IF=0.5A, IR=1.0A, IRR=0.25A
.140(3.6)
.104(2.6)
.034(0.9)
.028(0.7)
.300(7.6)
.230(5.8)
1.0(25.4)
MIN
1.0(25.4)
MIN


Similar Part No. - SF20-015

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SF20-015-LFR FRONTIER-SF20-015-LFR Datasheet
128Kb / 2P
   2A SUPER FAST RECOVERY RECTIFIER
SF20-015G FRONTIER-SF20-015G Datasheet
128Kb / 2P
   2A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
SF20-015G-LFR FRONTIER-SF20-015G-LFR Datasheet
128Kb / 2P
   2A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF20-015

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SF20-005-LFR FRONTIER-SF20-005-LFR Datasheet
128Kb / 2P
   2A SUPER FAST RECOVERY RECTIFIER
SF20-005G FRONTIER-SF20-005G Datasheet
128Kb / 2P
   2A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
SF20-005G-LFR FRONTIER-SF20-005G-LFR Datasheet
128Kb / 2P
   2A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
SFS2A FRONTIER-SFS2A Datasheet
129Kb / 2P
   2A SUPER FAST RECOVERY SURFACE MOUNT RECTIFIER
SFS2A-LFR FRONTIER-SFS2A-LFR Datasheet
129Kb / 2P
   2A SUPER FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
Shindengen Electric Mfg...
D2L40 SHINDENGEN-D2L40 Datasheet
405Kb / 6P
   Super Fast Recovery Rectifiers(400V 2A)
logo
Frontier Electronics.
HER201G FRONTIER-HER201G Datasheet
982Kb / 2P
   2A ULTRA FAST RECOVERY RECTIFIER
logo
Sirectifier Global Corp...
HER201G SIRECT-HER201G Datasheet
121Kb / 2P
   2A ULTRA FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
BY296 FRONTIER-BY296 Datasheet
125Kb / 2P
   2A FAST RECOVERY PLASTIC RECTIFIER
HER201 FRONTIER-HER201 Datasheet
129Kb / 2P
   2A ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com