Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2956AT3-5.0 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SPX2956AT3-5.0
Description  350mA Low Drop Out Voltage Regulator with Shutdown
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2956AT3-5.0 Datasheet(HTML) 8 Page - Sipex Corporation

  SPX2956AT3-5.0 Datasheet HTML 1Page - Sipex Corporation SPX2956AT3-5.0 Datasheet HTML 2Page - Sipex Corporation SPX2956AT3-5.0 Datasheet HTML 3Page - Sipex Corporation SPX2956AT3-5.0 Datasheet HTML 4Page - Sipex Corporation SPX2956AT3-5.0 Datasheet HTML 5Page - Sipex Corporation SPX2956AT3-5.0 Datasheet HTML 6Page - Sipex Corporation SPX2956AT3-5.0 Datasheet HTML 7Page - Sipex Corporation SPX2956AT3-5.0 Datasheet HTML 8Page - Sipex Corporation SPX2956AT3-5.0 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Rev. 11/21/00
SPX2955/56/57
ORDERING INFORMATION
Ordering No.
Precision
Output Voltage
Packages
SPX2955U3
2%
Adj
3 Lead TO-220
SPX2955U3-3.3
2%
3.3V
3 Lead TO-220
SPX2955U3-5.0
2%
5.0V
3 Lead TO-220
SPX2955AU3
1%
Adj
3 Lead TO-220
SPX2955AU3-3.3
1%
3.3V
3 Lead TO-220
SPX2955AU3-5.0
1%
5.0V
3 Lead TO-220
SPX2955U5
2%
Adj
5 Lead TO-220
SPX2955U5-3.3
2%
3.3V
5 Lead TO-220
SPX2955U5-5.0
2%
5.0V
5 Lead TO-220
SPX2955AU5
1%
Adj
5 Lead TO-220
SPX2955AU5-3.3
1%
3.3V
5 Lead TO-220
SPX2955AU5-5.0
1%
5.0V
5 Lead TO-220
SPX2955T3
2%
Adj
3 Lead TO-263
SPX2955T3-3.3
2%
3.3V
3 Lead TO-263
SPX2955T3-5.0
2%
5.0V
3 Lead TO-263
SPX2955AT3
1%
Adj
3 Lead TO-263
SPX2955AT3-3.3
1%
3.3V
3 Lead TO-263
SPX2955AT3-5.0
1%
5.0V
3 Lead TO-263
SPX2955T5
2%
Adj
5 Lead TO-263
SPX2955T5-3.3
2%
3.3V
5 Lead TO-263
SPX2955T5-5.0
2%
5.0V
5 Lead TO-263
SPX2955AT5
1%
Adj
5 Lead TO-263
SPX2955AT5-3.3
1%
3.3V
5 Lead TO-263
SPX2955AT5-5.0
1%
5.0V
5 Lead TO-263
SPX2955S
2%
Adj
8 Lead SOIC
SPX2955S-3.3
2%
3.3V
8 Lead SOIC
SPX2955S-5.0
2%
5.0V
8 Lead SOIC
SPX2955AS
1%
Adj
8 Lead SOIC
SPX2955AS-3.3
1%
3.3V
8 Lead SOIC
SPX2955AS-5.0
1%
5.0V
8 Lead SOIC
SPX2955AS-3.3
1%
3.3V
8 Lead SOIC
SPX2955AS-5.0
1%
5.0V
8 Lead SOIC
SPX2956U3-3.3
2%
3.3V
3 Lead TO-220
SPX2956U3-5.0
2%
5.0V
3 Lead TO-220
SPX2956AU3-3.3
1%
3.3V
3 Lead TO-220
SPX2956AU3-5.0
1%
5.0V
3 Lead TO-220
SPX2956U5-3.3
2%
3.3V
5 Lead TO-220
SPX2956U5-5.0
2%
5.0V
5 Lead TO-220
SPX2956AU5-3.3
1%
3.3V
5 Lead TO-220
SPX2956AU5-5.0
1%
5.0V
5 Lead TO-220
SPX2956T3-3.3
2%
3.3V
3 Lead TO-263
SPX2956T3-5.0
2%
5.0V
3 Lead TO-263


Similar Part No. - SPX2956AT3-5.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2950 SIPEX-SPX2950 Datasheet
258Kb / 12P
   150mA Low Dropout Voltage Regulators
SPX2950 SIPEX-SPX2950 Datasheet
135Kb / 13P
   150mA Low Dropout Voltage Regulator
SPX29500 SIPEX-SPX29500 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29500T-1.8 SIPEX-SPX29500T-1.8 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29500T-2.5 SIPEX-SPX29500T-2.5 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
More results

Similar Description - SPX2956AT3-5.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2945 SIPEX-SPX2945 Datasheet
214Kb / 11P
   500mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
175Kb / 7P
   400mA Low Drop Out Voltage Regulator with Shutdown
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
logo
STMicroelectronics
LK112SXX STMICROELECTRONICS-LK112SXX Datasheet
411Kb / 18P
   Low noise low drop voltage regulator with shutdown function
LK112SXX STMICROELECTRONICS-LK112SXX_08 Datasheet
404Kb / 17P
   Low noise low drop voltage regulator with shutdown function
LK112 STMICROELECTRONICS-LK112 Datasheet
413Kb / 12P
   LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
logo
Infineon Technologies A...
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com