Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2733T Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX2733T
Description  3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2733T Datasheet(HTML) 5 Page - Sipex Corporation

  SPX2733T Datasheet HTML 1Page - Sipex Corporation SPX2733T Datasheet HTML 2Page - Sipex Corporation SPX2733T Datasheet HTML 3Page - Sipex Corporation SPX2733T Datasheet HTML 4Page - Sipex Corporation SPX2733T Datasheet HTML 5Page - Sipex Corporation SPX2733T Datasheet HTML 6Page - Sipex Corporation SPX2733T Datasheet HTML 7Page - Sipex Corporation SPX2733T Datasheet HTML 8Page - Sipex Corporation SPX2733T Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Rev. 12/7/00
SPX2730/31/32/33
PACKAGE DRAWING
TO-263-3L (T)
0.103 BSC
0.050 (1.270)
0.600 +- 0.025
0.405
0.005
0.055 (1.397)
(10.287
0.127)
±
±
0.356
0.005
(9.042
0.127)
±
±
(15.24 0.635)
±
(2.616)
0.032 +- 0.001
(0.813 0.025)
+-
0.176 0.005
0.050 0.002
0.015 +- 0.003
0° 8°
(0.381
0.074)
+-
0.100
0.010
(2.540
0.254)
±
±
(4.470 0.127)
±
(1.270
0.051)
±
±
±


Similar Part No. - SPX2733T

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2700 SIPEX-SPX2700 Datasheet
177Kb / 11P
   700mA Low Dropout Voltage Regulators With Shutdown
SPX2700AM3-3.3 SIPEX-SPX2700AM3-3.3 Datasheet
177Kb / 11P
   700mA Low Dropout Voltage Regulators With Shutdown
SPX2700AM3-5.0 SIPEX-SPX2700AM3-5.0 Datasheet
177Kb / 11P
   700mA Low Dropout Voltage Regulators With Shutdown
SPX2700AT3-3.3 SIPEX-SPX2700AT3-3.3 Datasheet
177Kb / 11P
   700mA Low Dropout Voltage Regulators With Shutdown
SPX2700AT3-5.0 SIPEX-SPX2700AT3-5.0 Datasheet
177Kb / 11P
   700mA Low Dropout Voltage Regulators With Shutdown
More results

Similar Description - SPX2733T

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1085 SIPEX-SPX1085 Datasheet
195Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29300 SIPEX-SPX29300 Datasheet
177Kb / 11P
   3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29150 SIPEX-SPX29150 Datasheet
181Kb / 9P
   1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1582 SIPEX-SPX1582 Datasheet
147Kb / 5P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582T5-L-TR SIPEX-SPX1582T5-L-TR Datasheet
210Kb / 7P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582 SIPEX-SPX1582 Datasheet
56Kb / 7P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
AS1582 SIPEX-AS1582 Datasheet
113Kb / 4P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com