Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2870T-3.3 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX2870T-3.3
Description  6.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2870T-3.3 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX2870T-3.3 Datasheet HTML 1Page - Sipex Corporation SPX2870T-3.3 Datasheet HTML 2Page - Sipex Corporation SPX2870T-3.3 Datasheet HTML 3Page - Sipex Corporation SPX2870T-3.3 Datasheet HTML 4Page - Sipex Corporation SPX2870T-3.3 Datasheet HTML 5Page - Sipex Corporation SPX2870T-3.3 Datasheet HTML 6Page - Sipex Corporation SPX2870T-3.3 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev. 10/30/00
SPX2870
ABSOLUTE MAXIMUM RATINGS
Lead Temp. (Soldering, 10 Seconds) .............................. 300°C
Input Voltage........................................................ 10V
Storage Temperature Range ............................ -65° to +150°C
Input to Output Voltage Differential .................... 10V
Operating Junction Temperature Range
SPX2870 Control Section.......................... -45°C +125°C
SPX2870 Power Transistor.........................-45°C +150°C
ELECTRICAL CHARACTERISTICS (NOTE 1) at I
OUT = 10mA, TA=25
°C, unless otherwise specified.
PARAMETER
CONDITIONS
Typ
SPX2870A
SPX2870
UNITS
Min
Max
Min
Max
2.5V Version
2.475
2.525
2.45
2.55
V
Output Voltage (Note 2)
SPX2870-2.5V, 0 < IOUT < 6.5A, 4.0V<VIN<7V
2.5
2.45
2.55
2.425
2.575
3.3V Version
3.267
3.333
3.234
3.366
V
Output Voltage (Note 2)
SPX2870-3.3V, 0 < IOUT < 6.5A, 4.8V<VIN<7V
3.3
3.234
3.366
3.069
3.399
5.0V Version
5
4.950
5.050
4.9
5.1
V
Output Voltage (Note 2)
SPX2870-5.0V, 0
≤ IOUT ≤ 6.5A, 6.5V≤VIN≤7V
4.900
5.100
4.65
5.15
All Voltage Options
Reference Voltage (VREF)
1.250
1.225
1.270
1.225
1.270
V
VIN
≤ 7V, P≤ PMAX
1.5V
≤ (VIN -VOUT)≤5.75V, 10mA≤IOUT≤5A
Min. Load Current (Note 3)
1.5V
≤ (VIN –VOUT)≤5.75V
5
10
10
V
Line Regulation (
∆VREF(VIN))
2.75V
≤VIN ≤7V, IOUT=10mA, TJ=25ºC
(Note 3)
0.005
0.2
0.2
VIN
≤7V, IOUT=0mA, TJ=25ºC (Note 2)
0.005
0.2
0.2
%
10mA
≤IOUT ≤5A, (Vin-VOUT)=3V, TJ=25ºC (Note 3)
0.05
0.3
0.3
Load Regulation(
∆VREF(IOUT))
0
≤IOUT ≤5A, VIN=7V, TJ=25ºC (Note 2)
0.05
0.3
0.3
%
Dropout Voltage
∆VREF=1%
IOUT = 6.5A (Note 3)
IOUT < 6.5A (Note 2)
1.5
1.5
V
VIN=7V
6
6.9
6.9
A
Current Limit
IOUT(MAX)
1.4V
≤ (VIN – VOUT) (Note3)
Long Term Stability
TA=125ºC, 1000 Hrs.
0.3
(Note 2)
1
1
%
Thermal Regulation
(
∆VOUT(PWR))
TA=25ºC, 20 ms pulse
0.01
0.020
0.020
%/W
Temperature Stability
(
∆VOUT(T))
0.25
%
Output Noise, RMS
10Hz to 10kHz
Ta=25ºC
0.003
% VO
3.0
3.0
3.0
TO-220
Junction to Tab
Junction to Ambient
60
60
60
3.0
3.0
3.0
Thermal Resistance
DD Package
Junction to Tab
Junction to Ambient
60
60
60
ºC/W
The Bold specifications apply to the full operating temperature range.
Note 1: Changes in output voltage due to heating effects are covered under the specification for thermal regulation.
Note 2: Fixed Version Only
Note 3: Adjustable Version Only


Similar Part No. - SPX2870T-3.3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2808 SIPEX-SPX2808 Datasheet
47Kb / 6P
   300mA Low Dropout Voltage Regulator
SPX2808M1-3.3 SIPEX-SPX2808M1-3.3 Datasheet
47Kb / 6P
   300mA Low Dropout Voltage Regulator
SPX2808M1-3.3/TR SIPEX-SPX2808M1-3.3/TR Datasheet
47Kb / 6P
   300mA Low Dropout Voltage Regulator
SPX2808M1-3.5 SIPEX-SPX2808M1-3.5 Datasheet
47Kb / 6P
   300mA Low Dropout Voltage Regulator
SPX2808M1-3.5/TR SIPEX-SPX2808M1-3.5/TR Datasheet
47Kb / 6P
   300mA Low Dropout Voltage Regulator
More results

Similar Description - SPX2870T-3.3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Exar Corporation
SPX1585AT-L EXAR-SPX1585AT-L Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Sipex Corporation
SPX1086 SIPEX-SPX1086 Datasheet
194Kb / 7P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585AT-L SIPEX-SPX1585AT-L Datasheet
213Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2810 SIPEX-AS2810 Datasheet
150Kb / 7P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2815 SIPEX-AS2815 Datasheet
181Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2815 SIPEX-SPX2815 Datasheet
207Kb / 10P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com