Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2945M3 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SPX2945M3
Description  500mA Low Drop Out Voltage Regulator with Shutdown
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2945M3 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SPX2945M3 Datasheet HTML 3Page - Sipex Corporation SPX2945M3 Datasheet HTML 4Page - Sipex Corporation SPX2945M3 Datasheet HTML 5Page - Sipex Corporation SPX2945M3 Datasheet HTML 6Page - Sipex Corporation SPX2945M3 Datasheet HTML 7Page - Sipex Corporation SPX2945M3 Datasheet HTML 8Page - Sipex Corporation SPX2945M3 Datasheet HTML 9Page - Sipex Corporation SPX2945M3 Datasheet HTML 10Page - Sipex Corporation SPX2945M3 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
Rev. B Date:01/20/04
SPX2945 400mA Low Dropout Voltage Regulator with Shutdown
©Copyright 2004 Sipex Corporation
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
ORDERING INFORMATION
.
o
N
g
n
i
r
e
d
r
Ok
r
a
M
p
o
Ty
c
a
r
u
c
c
Ae
g
a
t
l
o
V
t
u
p
t
u
Os
e
g
a
k
c
a
P
3
.
3
-
3
M
5
4
9
2
X
P
S
3
M
5
4
9
2
W
W
Y
Y
3
3
%
1V
3
.
3
3
2
2
-
T
O
S
n
i
P
-
3
0
.
5
-
3
M
5
4
9
2
X
P
S
3
M
5
4
9
2
W
W
Y
Y
0
5
%
1V
0
.
5
3
2
2
-
T
O
S
n
i
P
-
3
3
.
3
-
S
5
4
9
2
X
P
S
3
3
S
5
4
9
2
W
W
Y
Y
3
3
%
1V
3
.
3
C
I
O
S
n
i
P
-
8
0
.
5
-
S
5
4
9
2
X
P
S
R
5
4
9
2
X
P
S
W
W
Y
Y
0
5
%
1V
0
.
5
C
I
O
S
n
i
P
-
8
3
.
3
-
R
5
4
9
2
X
P
S
R
5
4
9
2
X
P
S
W
W
Y
Y
4
0
5%
1V
3
.
3
2
5
2
-
O
T
n
i
P
-
3
0
.
5
-
R
5
4
9
2
X
P
S
R
5
4
9
2
X
P
S
W
W
Y
Y
%
1V
0
.
5
2
5
2
-
O
T
n
i
P
-
3
3
.
3
-
T
5
4
9
2
X
P
S
T
5
4
9
2
X
P
S
W
W
Y
Y
3
3%
1V
3
.
3
3
6
2
-
O
T
n
i
P
-
3
0
.
5
-
T
5
4
9
2
X
P
S
5
T
5
4
9
2
X
P
S
W
W
Y
Y
0
5
%
1V
0
.
5
3
6
2
-
O
T
n
i
P
-
3
3
.
3
-
5
T
5
4
9
2
X
P
S
5
T
5
4
9
2
X
P
S
W
W
Y
Y
3
3%
1V
3
.
3
3
6
2
-
O
T
n
i
P
-
5
0
.
5
-
5
T
5
4
9
2
X
P
S
T
5
4
9
2
X
P
S
W
W
Y
Y
0
5
%
1V
0
.
5
3
6
2
-
O
T
n
i
P
-
5
3
.
3
-
U
5
4
9
2
X
P
S
U
5
4
9
2
X
P
S
W
W
Y
Y
3
3
%
1V
3
.
3
0
2
2
-
O
T
n
i
P
-
3
0
.
5
-
U
5
4
9
2
X
P
S
U
5
4
9
2
X
P
S
W
W
Y
Y
0
5
%
1V
0
.
50
2
2
-
O
T
n
i
P
-
3
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600


Similar Part No. - SPX2945M3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2945M3-3-3 SIPEX-SPX2945M3-3-3 Datasheet
236Kb / 12P
   400mA Low Dropout Voltage Regulator with Shutdown
SPX2945M3-3-3TR SIPEX-SPX2945M3-3-3TR Datasheet
236Kb / 12P
   400mA Low Dropout Voltage Regulator with Shutdown
SPX2945M3-3.3 SIPEX-SPX2945M3-3.3 Datasheet
101Kb / 11P
   400mA Low Dropout Voltage Regulator with Shutdown
SPX2945M3-5-0 SIPEX-SPX2945M3-5-0 Datasheet
236Kb / 12P
   400mA Low Dropout Voltage Regulator with Shutdown
SPX2945M3-5-0TR SIPEX-SPX2945M3-5-0TR Datasheet
236Kb / 12P
   400mA Low Dropout Voltage Regulator with Shutdown
More results

Similar Description - SPX2945M3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2955 SIPEX-SPX2955 Datasheet
184Kb / 9P
   350mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
175Kb / 7P
   400mA Low Drop Out Voltage Regulator with Shutdown
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
logo
STMicroelectronics
L4995RKTR STMICROELECTRONICS-L4995RKTR Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
L4995AJTR STMICROELECTRONICS-L4995AJTR Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
September 2013 Rev 14
L4995 STMICROELECTRONICS-L4995 Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
L4995AKTR STMICROELECTRONICS-L4995AKTR Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com