Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2920U3-2.5 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX2920U3-2.5
Description  400mA Low Drop Out Voltage Regulator with Shutdown
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2920U3-2.5 Datasheet(HTML) 7 Page - Sipex Corporation

  SPX2920U3-2.5 Datasheet HTML 1Page - Sipex Corporation SPX2920U3-2.5 Datasheet HTML 2Page - Sipex Corporation SPX2920U3-2.5 Datasheet HTML 3Page - Sipex Corporation SPX2920U3-2.5 Datasheet HTML 4Page - Sipex Corporation SPX2920U3-2.5 Datasheet HTML 5Page - Sipex Corporation SPX2920U3-2.5 Datasheet HTML 6Page - Sipex Corporation SPX2920U3-2.5 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Rev: A Date: 03/30/04
SPX2920 400mA Low Drop Out Voltage Regulator with Shutdown
©Copyright 2004 Sipex Corporation
PACKAGE: 3 PIN TO-263
0.103 BSC
0.356
0.005
(9.042
0.127)
±
±
(15.24 0.635)
±
(2.616)
0.032 +- 0.001
(0.813
0.025)
+-
0.176 0.005
0.050 0.002
0.015 +- 0.003
0° 8°
(0.381
0.074)
+
-
0.100
0.010
(2.540
0.254)
±
±
(4.470
0.127)
±
(1.270
0.051)
±
±
±
0.050 (1.270)
0.405 ± 0.005
(10.287 ± 0.127)
0.055 (1.397)
0.600 ± 0.025


Similar Part No. - SPX2920U3-2.5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2920U-3-3 SIPEX-SPX2920U-3-3 Datasheet
507Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920U-3.3 SIPEX-SPX2920U-3.3 Datasheet
95Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920U-5-0 SIPEX-SPX2920U-5-0 Datasheet
507Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920U-5.0 SIPEX-SPX2920U-5.0 Datasheet
95Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
More results

Similar Description - SPX2920U3-2.5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2945 SIPEX-SPX2945 Datasheet
214Kb / 11P
   500mA Low Drop Out Voltage Regulator with Shutdown
SPX2955 SIPEX-SPX2955 Datasheet
184Kb / 9P
   350mA Low Drop Out Voltage Regulator with Shutdown
SPX2945 SIPEX-SPX2945 Datasheet
101Kb / 11P
   400mA Low Dropout Voltage Regulator with Shutdown
SPX2945 SIPEX-SPX2945_06 Datasheet
236Kb / 12P
   400mA Low Dropout Voltage Regulator with Shutdown
logo
Unisonic Technologies
UCV676 UTC-UCV676_18 Datasheet
301Kb / 10P
   400mA LOW-DROP VOLTAGE REGULATOR
UCV676 UTC-UCV676 Datasheet
288Kb / 9P
   400mA LOW-DROP VOLTAGE REGULATOR
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com