Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER508 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # HER508
Description  5A ULTRA FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

HER508 Datasheet(HTML) 2 Page - Frontier Electronics.

  HER508 Datasheet HTML 1Page - Frontier Electronics. HER508 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HER501 THRU HER508
Page: 2
FIG. 1-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
+0.5A
0
-0.25A
-1.0A
Trr
1cm
SET TIME BASE
FOR 10/20 ns/cm
FIG. 3-TYPICAL REVERSE CHARACTERISTICS
1000
100
10
1.0
0.1
.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 5-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
300
200
100
0
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
10
100
1000
NUMBER OF CYCLES AT 60HZ
RATINGS AND CHARACTERISTIC CURVE HER501 THRU HER508
6.0
5.0
4.0
3.0
2.0
1.0
0
25 50 75 100 125 150 175
AMBIENT TEMPERATURE (
oC)
FIG. 2-TYPICAL FORWARD
CURRENT DERATING CURVE
Single Phase
Half Wave 60
Hz
Resistive or
Inductive
FIG. 4-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
100.0
10.0
1.0
.1
.01
.4
.6
8
1.0
1.2
1.4
1.6
1.8
2.0
INSTANTANEOUS FORWARD VOLTAGE (V)
HER501~503
HER504~505
HER506~508
FIG. 6-TYPICAL JUNCTION CAPACITANCE
200
100
60
40
20
10
6
4
2
1
HER501~505
TJ=25
oC
.1
.2
.4
1.0
2
4
10
20
40
100
INSTANTANEOUS FORWARD VOLTAGE (V)
HER506~508
PULSE
GENERATOR
( NOTE 2 )
(+)
25 Vdc
(approx)
(-)
D.U.T.
1
Ω
NON
INDUCTIVE
OSCILLOSCOPE
( NOTE 1 )
50
Ω
NO INDUCTIVE
100
Ω
NO INDUCTIVE
(-)
(+)
NOTE: 1. RISE TIME=7ns MAX. INPUT
IMPEDANCE=1 MOhms 22PF
2. RISE TIME =10ns MAX. SOURCE
IMPEDANCE=50 OHMS
TJ=25
oC
TJ=100
oC
TJ=150
oC


Similar Part No. - HER508

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
HER508 DACHANG-HER508 Datasheet
139Kb / 2P
   Plastic High-Efficiency Rectifiers
logo
Mospec Semiconductor
HER508 MOSPEC-HER508 Datasheet
123Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(5.0A,600-1000V)
logo
Nanjing International G...
HER508 DGNJDZ-HER508 Datasheet
253Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Galaxy Semi-Conductor H...
HER508 BILIN-HER508 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Guangdong Juxing Electr...
HER508 JUXING-HER508 Datasheet
758Kb / 2P
   Ultra Fast Rectifiers
More results

Similar Description - HER508

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDU540 DIODES-PDU540 Datasheet
143Kb / 4P
   5A ULTRA-FAST RECOVERY RECTIFIER
DS30759 Rev. 2 - 2
logo
Frontier Electronics.
HER501G FRONTIER-HER501G Datasheet
972Kb / 2P
   5A ULTRA FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PDU540 DIODES-PDU540_16 Datasheet
487Kb / 6P
   5A ULTRA-FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
UF50-005 FRONTIER-UF50-005 Datasheet
130Kb / 2P
   5A ULTRA FAST RECOVERY RECTIFIER
HER501-LFR FRONTIER-HER501-LFR Datasheet
129Kb / 2P
   5A ULTRA FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
UF5GD1 DIODES-UF5GD1 Datasheet
376Kb / 5P
   5A SURFACE MOUNT ULTRA-FAST RECOVERY RECTIFIER
PDU540 DIODES-PDU540_15 Datasheet
128Kb / 4P
   5A ULTRA-FAST RECOVERY RECTIFIER PowerDI 5
UF5JD1 DIODES-UF5JD1 Datasheet
331Kb / 6P
   5A SURFACE MOUNT ULTRA-FAST RECOVERY RECTIFIER
UF5A600D1 DIODES-UF5A600D1 Datasheet
87Kb / 4P
   5A ULTRA-FAST RECTIFIER
UF5A400D1 DIODES-UF5A400D1_15 Datasheet
181Kb / 5P
   5A ULTRA-FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com