Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER507-LFR Datasheet(PDF) 1 Page - Frontier Electronics.

Part # HER507-LFR
Description  5A ULTRA FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

HER507-LFR Datasheet(HTML) 1 Page - Frontier Electronics.

  HER507-LFR Datasheet HTML 1Page - Frontier Electronics. HER507-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HER501-LFR THRU HER508-LFR
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
5A ULTRA FAST RECOVERY RECTIFIER
HER501-LFR THRU HER508-LFR
FEATURES
PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY
FLAMMABILITY CLASSIFICATION 94V-0
ULTRA FAST RECOVERY TIMES FOR HIGH EFFICIENCY
LOW FORWARD VOLTAGE, HIGH CURRENT CAPABILITY
LOW LEAKAGE
HIGH SURGE CAPABILITY
HIGH TEMPERATURE SOLDERING GUARANTEED:
260
°C 0.375” (9.5mm) LEAD LENGTHS FOR 10 SECONDS AT
5 LBS. (2.3 KG) TENSION.
ROHS
MECHANICAL DATA
CASE: JEDEC DO-201AD, MOLDED PLASTIC, DIMENSIONS
IN INCHES AND (MILLIMETERS)
TERMINALS: AXIAL LEADS SOLDERABLE PER MIL-STD-202,
METHOD 208
POLARITY: COLOR BAND DENOTES CATHODE END
MOUNTING: POSITION:
ANY
WEIGHT: 1.2 GRAM
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
HER501
-LFR
HER502
-LFR
HER503
-LFR
HER504
-LFR
HER505
-LFR
HER506
-LFR
HER507
-LFR
HER508
-LFR
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
300
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
210
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
300
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED
CURRENT 0.375” (9.5mm) LEAD LENGTH AT TA=50°C
IO
5.0
A
PEAK FORWARD SURGE CURRENT 8.3ms SINGLE
HALF SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
200
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
70
50
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθja
15
℃/W
STORAGE TEMPERATURE RANGE
TSTG
-55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
-55 TO + 150
ELECTRICAL CHARACTERISTICS (AT TA =25
°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
HER501
-LFR
HER502
-LFR
HER503
-LFR
HER504
-LFR
HER505
-LFR
HER506
-LFR
HER507
-LFR
HER508
-LFR
UNITS
MAXIMUM FORWARD VOLTAGE AT Io DC
VF
1.3
1.85
V
MAXIMUM REVERSE CURRENT AT TA=25
°
IR
10
μA
MAXIMUM REVERSE CURRENT AT TA=100
°
IR
100
μA
MAXIMUM REVERSE RECOVERY TIME (NOTE 3)
TRR
50
75
nS
NOTE :
1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
2. BOTH LEADS ATTACHED TO HEAT SINK 63.5
×63.5×1t(mm) COPPER PLATE AT LEAD LENGTH 5mm
3. REVERSE RECOVERY TEST CONDITIONS:
IF=0.5A, IR=1.0A, IRR=0.25A
.375(9.5)
.335(8.5)
1.0(25.4)
MIN
.220(5.6)
.197(5.0)
1.0(25.4)
MIN
.052(1.3)
.048(1.2)


Similar Part No. - HER507-LFR

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
HER507-2C5A-2CDO-27 DGNJDZ-HER507-2C5A-2CDO-27 Datasheet
253Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Won-Top Electronics
HER507-T3 WTE-HER507-T3 Datasheet
59Kb / 4P
   5.0A ULTRAFAST DIODE
HER507-TB WTE-HER507-TB Datasheet
59Kb / 4P
   5.0A ULTRAFAST DIODE
More results

Similar Description - HER507-LFR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDU540 DIODES-PDU540 Datasheet
143Kb / 4P
   5A ULTRA-FAST RECOVERY RECTIFIER
DS30759 Rev. 2 - 2
logo
Frontier Electronics.
HER501 FRONTIER-HER501 Datasheet
129Kb / 2P
   5A ULTRA FAST RECOVERY RECTIFIER
HER501G FRONTIER-HER501G Datasheet
972Kb / 2P
   5A ULTRA FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PDU540 DIODES-PDU540_16 Datasheet
487Kb / 6P
   5A ULTRA-FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
UF50-005 FRONTIER-UF50-005 Datasheet
130Kb / 2P
   5A ULTRA FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
UF5GD1 DIODES-UF5GD1 Datasheet
376Kb / 5P
   5A SURFACE MOUNT ULTRA-FAST RECOVERY RECTIFIER
PDU540 DIODES-PDU540_15 Datasheet
128Kb / 4P
   5A ULTRA-FAST RECOVERY RECTIFIER PowerDI 5
UF5JD1 DIODES-UF5JD1 Datasheet
331Kb / 6P
   5A SURFACE MOUNT ULTRA-FAST RECOVERY RECTIFIER
UF5A600D1 DIODES-UF5A600D1 Datasheet
87Kb / 4P
   5A ULTRA-FAST RECTIFIER
UF5A400D1 DIODES-UF5A400D1_15 Datasheet
181Kb / 5P
   5A ULTRA-FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com