Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLZ12C Datasheet(PDF) 3 Page - Frontier Electronics.

Part # GLZ12C
Description  500mW MINI MELF ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

GLZ12C Datasheet(HTML) 3 Page - Frontier Electronics.

  GLZ12C Datasheet HTML 1Page - Frontier Electronics. GLZ12C Datasheet HTML 2Page - Frontier Electronics. GLZ12C Datasheet HTML 3Page - Frontier Electronics. GLZ12C Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GLZ2.0A THRU GLZ56
Page: 3
ELECTRICAL CHARACTERISTICS (TA=25
℃UNLESS OTHERWISE NOTED) VF=1.0V MAX, IF = 100mA FOR ALL TYPES
MAXIMUM ZENER IMPEDANCE
MAXIMUM REVERSE
LEAKAGE CURRENT
NOMINAL
ZENER VOLTS
VZ@IZT VOLTS
ZZT @ IZT
ZZK@IZK
JEDEC
TYPE
MIN
MAX
TEST
CURRENT
IZT
mA
TEST
CURRENT
IZK
mA
OHMS
OHMS
IR
μA
@ VR
VOLTS
GLZ24A
GLZ24B
GLZ24C
GLZ24D
GLZ27A
GLZ27B
GLZ27C
GLZ27D
GLZ30A
GLZ30B
GLZ30C
GLZ30D
GLZ33A
GLZ33B
GLZ33C
GLZ33D
GLZ36A
GLZ36B
GLZ36C
GLZ36D
GLZ39A
GLZ39B
GLZ39C
GLZ39D
GLZ43
GLZ47
GLZ51
GLZ56
22.05
22.61
23.12
23.63
24.26
24.97
25.63
26.29
26.99
27.70
28.36
29.02
29.68
30.32
30.90
31.49
32.14
32.79
33.40
34.01
34.68
35.36
36.00
36.63
40.00
44.00
48.00
53.00
23.18
23.77
24.31
24.85
25.52
26.26
26.95
27.64
28.39
29.13
29.82
30.51
31.22
31.88
32.50
33.11
33.79
34.49
35.13
35.77
36.47
37.19
37.85
38.52
45.00
49.00
54.00
60.00
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
35
35
35
35
45
45
45
45
55
55
55
55
65
65
65
65
75
75
75
75
85
85
85
85
90
90
110
110
200
200
200
200
200
200
200
200
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
19.0
19.0
19.0
19.0
21.0
21.0
21.0
21.0
23.0
23.0
23.0
23.0
25.0
25.0
25.0
25.0
27.0
27.0
27.0
27.0
30.0
30.0
30.0
30.0
33
36
39
43
NOTE
:*MINI MELF MOLDED GLASS .


Similar Part No. - GLZ12C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GLZ12C EIC-GLZ12C Datasheet
44Kb / 3P
   ZENER DIODES
logo
Pan Jit International I...
GLZ12C PANJIT-GLZ12C Datasheet
106Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Frontier Electronics.
GLZ12C-LFR FRONTIER-GLZ12C-LFR Datasheet
123Kb / 4P
   500mW MINI MELF ZENER DIODE
More results

Similar Description - GLZ12C

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
ZMM5221B-LFR FRONTIER-ZMM5221B-LFR Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM5221B FRONTIER-ZMM5221B Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM55-C2V4-LFR FRONTIER-ZMM55-C2V4-LFR Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
GLZJ2.0A FRONTIER-GLZJ2.0A Datasheet
128Kb / 4P
   500mW MINI MELF ZENER DIODE
ZMM55-C2V0 FRONTIER-ZMM55-C2V0 Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
GLZ2.0A-LFR FRONTIER-GLZ2.0A-LFR Datasheet
123Kb / 4P
   500mW MINI MELF ZENER DIODE
logo
CHENG-YI ELECTRONIC CO....
ZMM5221B CHENG-YI-ZMM5221B Datasheet
249Kb / 3P
   500mW Mini melf ZENER Diodes
logo
WILLAS ELECTRONIC CORP
ZMM5221B WILLAS-ZMM5221B Datasheet
428Kb / 3P
   500mW Mini MELF Zener Diodes
logo
Rectron Semiconductor
GMZJ RECTRON-GMZJ Datasheet
45Kb / 3P
   Micro MELF ZENER DIODE 2.5% 500mW
ZMM5221B RECTRON-ZMM5221B Datasheet
23Kb / 2P
   500mW 5% mini-M.E.L.F ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com