Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2815T-1.5 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX2815T-1.5
Description  1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2815T-1.5 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SPX2815T-1.5 Datasheet HTML 2Page - Sipex Corporation SPX2815T-1.5 Datasheet HTML 3Page - Sipex Corporation SPX2815T-1.5 Datasheet HTML 4Page - Sipex Corporation SPX2815T-1.5 Datasheet HTML 5Page - Sipex Corporation SPX2815T-1.5 Datasheet HTML 6Page - Sipex Corporation SPX2815T-1.5 Datasheet HTML 7Page - Sipex Corporation SPX2815T-1.5 Datasheet HTML 8Page - Sipex Corporation SPX2815T-1.5 Datasheet HTML 9Page - Sipex Corporation SPX2815T-1.5 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Date: 5/17/04
SPX2815 1.5A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
PACKAGE: 3 PIN TO-220
H1
B
SEATING
PLANE
A1
A
CHAMFER
OPTIONAL
C
A2
A
A
E
øP
Q
D
D1
E2
E/2
L
L1
C
C
D
D
b
c
WITH PLATING
BASE METAL
b
CONTACT AREA
1
e
e1
.140
-
.190
.020
-
.055
Dimensions in
(mm)
3 PIN TO-220
JEDEC TO-220
(AB) Variation
.080
-
.115
.015
.027
.040
.045
-
.070
.480
-
.507
A
A1
A2
b
b2
D1
D2
.380
-
.420
E
MIN
NOM MAX
c
.014
-
.024
D
.560
-
.650
.330
-
.355
E1
.270
-
.350
E2
-
-
.030
e
.100 BSC
e1
.200 BSC
H1
.230
-
.270
L1
-
-
.250
L2
-
-
-
∆P
.139
-
.161
Q
.100
-
.135
3 PIN TO-220


Similar Part No. - SPX2815T-1.5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2815T-2.5 SIPEX-SPX2815T-2.5 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
SPX2815T-2.5/TR SIPEX-SPX2815T-2.5/TR Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
SPX2815T-3.3 SIPEX-SPX2815T-3.3 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
SPX2815T-3.3/TR SIPEX-SPX2815T-3.3/TR Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
SPX2815T-5.0 SIPEX-SPX2815T-5.0 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results

Similar Description - SPX2815T-1.5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1086 SIPEX-SPX1086 Datasheet
194Kb / 7P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2815 SIPEX-AS2815 Datasheet
181Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Calogic, LLC
CLM2815 CALOGIC-CLM2815 Datasheet
84Kb / 6P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
logo
Sipex Corporation
SPX29150 SIPEX-SPX29150 Datasheet
78Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX1583 SIPEX-SPX1583 Datasheet
147Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX29150 SIPEX-SPX29150 Datasheet
181Kb / 9P
   1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1583 SIPEX-SPX1583 Datasheet
171Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com