Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GLZJ2.7 Datasheet(PDF) 3 Page - Frontier Electronics.

Part No. GLZJ2.7
Description  500mW MINI MELF ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

GLZJ2.7 Datasheet(HTML) 3 Page - Frontier Electronics.

  GLZJ2.7 Datasheet HTML 1Page - Frontier Electronics. GLZJ2.7 Datasheet HTML 2Page - Frontier Electronics. GLZJ2.7 Datasheet HTML 3Page - Frontier Electronics. GLZJ2.7 Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GLZJ2.0A THRU GLZJ36D
Page: 3
Nominal Zener Voltage
Vz @ IZT (V)
Maximum Zener Impedance
Maximum Reverse Leakage
Current
ZZT @ IZT
ZZK AT
IZK=1mA
TYPE
CLASS
Min.
Max.
Test Current
IZT(mA)
OHMS
OHMS
IR
(
μA)
@ VR
VOLTS
A
29.68
31.22
B
30.32
31.88
C
30.90
32.50
GLZJ 33
D
31.49
33.11
5
65
250
0.2
25.0
A
32.14
33.79
B
32.79
34.49
C
33.40
35.13
GLZJ 36
D
34.01
35.77
5
75
250
0.2
27.0
21-163


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn