Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR1003G Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # FR1003G
Description  Isolated 10AMP. Glass Passivated Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

FR1003G Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  FR1003G Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd FR1003G Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
TO-220AB
Features
Glass passivated chip junction.
High efficiency, Low VF
High current capability
High reliability
High surge current capability
Low power loss
Mechanical Data
Cases: TO-220AB molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals:
Pure tin plated, Lead free.
Polarity: As marked
High temperature soldering guaranteed:
260oC/10 seconds .16”,(4.06mm) from
case.
Mounting position: Any
Weight: 2.24 grams
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol FR
1001G
FR
1002G
FR
1003G
FR
1004G
FR
1005G
FR
1006G
FR
1007G Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
10
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
125
A
Maximum Instantaneous Forward Voltage
@ 5.0A
VF
1.3
V
Maximum DC Reverse Current @ TC=25
oC
at Rated DC Blocking Voltage @ TC=125
oC
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time ( Note 1)
Trr
150
250
500
nS
Typical Junction Capacitance (Note 3)
Cj
40
pF
Typical Thermal Resistance R
θJC (Note 2)
RθJC
3.0
oC/W
Operating and Storage Temperature Range
TJ ,TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Thermal Resistance from Junction to Case Per Leg Mounted on Heatsink
Size 2” x 3” x 0.25” Al-Plate.
3. Measured at 1MHz and Applied Reverse Voltage of 4.0 Volts D.C.
FR1001G-FR1007G
Isolated 10AMP. Glass Passivated Fast Recovery Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - FR1003G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FR1003G TSC-FR1003G Datasheet
93Kb / 2P
   Isolation 10 AMPS. Glass Passivated Fast Recovery Rectifiers
FR1003G TSC-FR1003G Datasheet
344Kb / 2P
   Isolated10 Amps Glass Passivated Fast Recovery Rectifiers
logo
Micro Commercial Compon...
FR1003GP MCC-FR1003GP Datasheet
454Kb / 3P
   10 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
More results

Similar Description - FR1003G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
EF10CXXE3 CYSTEKEC-EF10CXXE3 Datasheet
189Kb / 3P
   10Amp. Glass Passivated Efficient Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
FRAF1601G LUGUANG-FRAF1601G Datasheet
228Kb / 2P
   Isolated 16.0AMP. Glass Passivated Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
FRAF801G TSC-FRAF801G_1 Datasheet
264Kb / 2P
   Isolated 8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRF1601G TSC-FRF1601G_1 Datasheet
333Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRF501G TSC-FRF501G_1 Datasheet
333Kb / 2P
   Isolated 5.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRAF1601G TSC-FRAF1601G_1 Datasheet
271Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRAF1001G TSC-FRAF1001G_1 Datasheet
264Kb / 2P
   Isolated 10 AMPS. Glass Passivated Fast Recovery Rectifiers
FRF1001G TSC-FRF1001G_1 Datasheet
333Kb / 2P
   Isolated 10 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
GBU10005 SECOS-GBU10005_15 Datasheet
235Kb / 2P
   10Amp Glass Passivated Bridge Rectifiers
logo
Shanghai Shunye Electro...
FR101G SY-FR101G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com