Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR801 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # FR801
Description  8.0A Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

FR801 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  FR801 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd FR801 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
25
50
75
100
125
150
175
110
100
NUMBER OF CYCLES AT 60 Hz
Fig. 2, Maximum Non-Repetitive Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
0.1
1.0
10
100
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
V , INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
Fig.3, Typical Instantaneous Forward Characteristics
F
10
100
200
1
10
100
V , REVERSE VOLTAGE (VOLTS)
Fig.4, Typical Junction Capacitance
R
0.01
0.1
1.0
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE
Fig.5, Typical Reverse Characteristics
0
2
4
6
8
0
25
50
75
100 125
150 175
T , CASE TEMPERATURE (°C)
Fig. 1, Forward Current Derating Curve
C
FR801-FR805
8.0A Fast Recovery Rectifier


Similar Part No. - FR801

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR801 RECTRON-FR801 Datasheet
25Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes)
logo
Goodwork Semiconductor ...
FR801 GWSEMI-FR801 Datasheet
71Kb / 2P
   8.0 AMP FAST RECOVERY RECTIFIERS
logo
Bytes
FR801 BYTES-FR801 Datasheet
160Kb / 2P
   8.0 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
FR801 DGNJDZ-FR801 Datasheet
179Kb / 2P
   8.0 AMP FAST RECOVERY RECTIFIERS
logo
Diodes Incorporated
FR801 DIODES-FR801 Datasheet
60Kb / 2P
   8.0A FAST RECOVERY RECTIFIER
DS26005 Rev. D-3
More results

Similar Description - FR801

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FR801 DIODES-FR801 Datasheet
60Kb / 2P
   8.0A FAST RECOVERY RECTIFIER
DS26005 Rev. D-3
logo
TAITRON Components Inco...
TF801L TAITRON-TF801L Datasheet
131Kb / 4P
   8.0A Fast Recovery Rectifier
logo
Shenzhen Luguang Electr...
SF81 LUGUANG-SF81 Datasheet
174Kb / 2P
   8.0A Super Fast Recovery Rectifier
logo
Diodes Incorporated
SF81 DIODES-SF81 Datasheet
63Kb / 2P
   8.0A SUPER-FAST RECOVERY RECTIFIER
DS24005 Rev. C-3
logo
Won-Top Electronics
FR801G WTE-FR801G Datasheet
53Kb / 3P
   8.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
D3K803SF YFWDIODE-D3K803SF Datasheet
641Kb / 3P
   8.0A Super Fast Recovery Rectifier Bridge
TTF803E YFWDIODE-TTF803E Datasheet
297Kb / 3P
   8.0A Super Fast Recovery Rectifier Bridge
logo
KIA Semiconductor Techn...
08TB60B KIA-08TB60B Datasheet
37Kb / 2P
   FAST RECOVERY DIODE 8.0A竊?00V
08TB70D KIA-08TB70D Datasheet
164Kb / 2P
   FAST RECOVERY DIODE 8.0A竊?00V
logo
Diodes Incorporated
STPR805DF DIODES-STPR805DF Datasheet
66Kb / 2P
   8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS14010 Rev. C-2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com