Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FV5M-20-LFR Datasheet(PDF) 2 Page - Frontier Electronics.

Part # FV5M-20-LFR
Description  HIGH VOLTAGE FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FV5M-20-LFR Datasheet(HTML) 2 Page - Frontier Electronics.

  FV5M-20-LFR Datasheet HTML 1Page - Frontier Electronics. FV5M-20-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FV5M-04-LFR THRU FV5M-24-LFR
Page: 2
100
Ω
50
100
150
200 Vr(V)
RATINGS AND CHARACTERISTIC CURVES FV5M-04-LFR THRU FV5M-24-LFR
VR
0.01uF
D.U.T
1 K
Ω
150
K
Ω
OSCILLOSCOPE
1 mA
Trr
IF = 2 mA
30 40 50 60 70 80
100 Trr(ns)
FIG. 3 TYPICAL DISTRIBUTION OF
REVERSE RECOVERY TIME
100
80
60
40
20
0
FIG. 1 TYPICAL REVERSE
CHARACTERISTICS
10
1.0
0.1
0.01
0.001
20
40
60
80
100
120
VR(%)
Ta=25
oC
Ta=100
oC
CJ
(PF)
0.6
0.4
0.2
0
FIG. 2 TYPICAL JUNCTION
CAPACITANCE
Ta =25
oC
f =1MHz
Ta=25
oC
N=100
REVERSE VOLTAGE VOLTS


Similar Part No. - FV5M-20-LFR

ManufacturerPart #DatasheetDescription
logo
RFE international
FV5M-20 RFE-FV5M-20 Datasheet
91Kb / 1P
   LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
logo
Frontier Electronics.
FV5M-20 FRONTIER-FV5M-20 Datasheet
116Kb / 1P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
More results

Similar Description - FV5M-20-LFR

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
R1200F LUGUANG-R1200F Datasheet
246Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
FR02-25 FRONTIER-FR02-25 Datasheet
129Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
RC0100 SSDI-RC0100_15 Datasheet
30Kb / 1P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Frontier Electronics.
FR05-10 FRONTIER-FR05-10_16 Datasheet
1Mb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
GP05-10 FRONTIER-GP05-10_16 Datasheet
1Mb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Rectron Semiconductor
HFM1600 RECTRON-HFM1600 Datasheet
102Kb / 5P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
GOOD-ARK Electronics
R1200F GOOD-ARK-R1200F Datasheet
39Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Shanghai Shunye Electro...
R2500F SY-R2500F Datasheet
234Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
SHM15F SSDI-SHM15F_1 Datasheet
86Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
RC0058D SSDI-RC0058D_15 Datasheet
72Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com