Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPX2730 Datasheet(PDF) 6 Page - Sipex Corporation

Part No. SPX2730
Description  3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIPEX [Sipex Corporation]
Homepage  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2730 Datasheet(HTML) 6 Page - Sipex Corporation

  SPX2730 Datasheet HTML 1Page - Sipex Corporation SPX2730 Datasheet HTML 2Page - Sipex Corporation SPX2730 Datasheet HTML 3Page - Sipex Corporation SPX2730 Datasheet HTML 4Page - Sipex Corporation SPX2730 Datasheet HTML 5Page - Sipex Corporation SPX2730 Datasheet HTML 6Page - Sipex Corporation SPX2730 Datasheet HTML 7Page - Sipex Corporation SPX2730 Datasheet HTML 8Page - Sipex Corporation SPX2730 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Rev. 12/7/00
SPX2730/31/32/33
PACKAGE DRAWING
TO-263-5L (T)
0.405
0.005
0.055 (1.397)
0.356
0.005
±
(10.287 ± 0.127)
±
(9.042
0.127)
±
(15.24
0.635)
±
0.600
0.025
±
(1.702
0.127)
±
0.067
0.005
±
(0.813
0.076)
±
0.032
0.003
±
0.176
0.005
±
(4.470
0.127)
±
0.050
0.002
±
(1.270
0.051)
±
0.015 +- 0.003
0° 8°
(0.381
0.074)
+-
0.100
0.010
(2.540
0.254)
±
±


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn