Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2730 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX2730
Description  3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2730 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX2730 Datasheet HTML 1Page - Sipex Corporation SPX2730 Datasheet HTML 2Page - Sipex Corporation SPX2730 Datasheet HTML 3Page - Sipex Corporation SPX2730 Datasheet HTML 4Page - Sipex Corporation SPX2730 Datasheet HTML 5Page - Sipex Corporation SPX2730 Datasheet HTML 6Page - Sipex Corporation SPX2730 Datasheet HTML 7Page - Sipex Corporation SPX2730 Datasheet HTML 8Page - Sipex Corporation SPX2730 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Rev. 12/7/00
SPX2730/31/32/33
APPLICATION HINTS
The SPX2730/31/32/33 incorporates protection against over-
current faults, reversed load insertion, over temperature
operation, and positive and negative transient voltage.
However, the use of an output capacitor is required in order to
insure the stability and the performances.
Thermal Consideration
Although the SPX2730/31/32/33 offers limiting circuitry for
overload conditions, it is necessary not to exceed the
maximum junction temperature, and therefore to be careful
about thermal resistance. The heat flow will follow the lowest
resistance path, which is the Junction-to-case thermal
resistance. In order to insure the best thermal flow of the
component, a proper mounting is required. Note that the case
of the device is electrically connected to the output. The
case has to be electrically isolated, a thermally conductive
spacer can be used. However do not forget to consider its
contribution to thermal resistance.
Assuming:
VIN = 10V, VOUT = 5V, IOUT = 1.5A, TA = 50
°C/W,
θHeatsink Case= 6°C/W, θHeatsink Case = 0.5°C/W, θ JC = 3°C/W
Power dissipation under this condition
PD = (VIN – VOUT) * IOUT = 7.5W
Junction Temperature
TJ = TA + PD * (
θCase – HS + θ HS θ JC)
For the Control Section
TJ = 50 + 7.5*(0.5 + 6=3) = 121.25
°C
121.25
°C < TJ (max) for the Control & Power Sections.
In both case reliable operation is insured by adequate junction
temperature.
Capacitor Requirements
The output capacitor is needed for stability and to minimize
the output noise. The required value of the capacitor varies
with the load. However, a minimum value of 10
µF Aluminum
will guarantee stability over load. A tantalum capacitor is
recommended for a fast load transient response
If the power source has high AC impedance, a 0.1
µF capacitor
between input & ground is recommended. This capacitor
should have good characteristics up to 250 kHz.
Minimum Load Current
To ensure a proper behavior of the regulator at light load, a
minimum load of 10mA for SPX2730/31/32/33 is required.
Adjustable Regulator Design
SPX2732/33are adjustable regulators and maybe programmed
for any value between 1.25V and 16V using two resistors.
The relation between the resistors is given by:
R1=R2 (VOUT/1.240 –1)
Resistors have a large value up to 1m
Ω in order to reduce the
current consumption. This might be interesting in the case of
widely varying load currents.
Error Flag
SPX2731/33 features an error indicating either an over current
fault or a low input voltage. This flag pulls low when such a
problem occurs and may sink 10mA. It is inoperative during
thermal shutdown.
Enable Input
SPX2731/32 features enable input allowing turning ON &
OFF the device. EN has been designed to be compatible with
TTL/CMOS logic. When the regulator is ON, the current
flowing through this pin is approximately 20
µA.
SPX2730
Fig.1 Basic Fixed Output Regulator
VOUT
V
IN
SPX2732/33
Fig. 2 Adjustable Output Voltage Regulator
VOUT
V
IN
1
2
3
4
5
R
2
R
1
For best results, the total series resistance should be
small enough to pass the minimum regulator load current
V
OUT = VREF X [ 1 + (R1/R2) ]


Similar Part No. - SPX2730

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2700 SIPEX-SPX2700 Datasheet
177Kb / 11P
   700mA Low Dropout Voltage Regulators With Shutdown
SPX2700AM3-3.3 SIPEX-SPX2700AM3-3.3 Datasheet
177Kb / 11P
   700mA Low Dropout Voltage Regulators With Shutdown
SPX2700AM3-5.0 SIPEX-SPX2700AM3-5.0 Datasheet
177Kb / 11P
   700mA Low Dropout Voltage Regulators With Shutdown
SPX2700AT3-3.3 SIPEX-SPX2700AT3-3.3 Datasheet
177Kb / 11P
   700mA Low Dropout Voltage Regulators With Shutdown
SPX2700AT3-5.0 SIPEX-SPX2700AT3-5.0 Datasheet
177Kb / 11P
   700mA Low Dropout Voltage Regulators With Shutdown
More results

Similar Description - SPX2730

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1085 SIPEX-SPX1085 Datasheet
195Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29300 SIPEX-SPX29300 Datasheet
177Kb / 11P
   3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29150 SIPEX-SPX29150 Datasheet
181Kb / 9P
   1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1582 SIPEX-SPX1582 Datasheet
147Kb / 5P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582T5-L-TR SIPEX-SPX1582T5-L-TR Datasheet
210Kb / 7P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582 SIPEX-SPX1582 Datasheet
56Kb / 7P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
AS1582 SIPEX-AS1582 Datasheet
113Kb / 4P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com