Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMU-14S Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # FMU-14S
Description  Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

FMU-14S Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  FMU-14S Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd FMU-14S Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
3
2
PIN
10.2± 0.2
4.0± 0.3
2.6± 0.15
1.4± 0.1
0.6± 0.1
4.5± 0.2
3.1
+0.2
-0.1
2.6± 0.2
0.6± 0.1
Metal-Sem iconductor junction with guard ring
Epitaxial cons truction
Low forward voltage drop,low s witching loss es
High s urge capability
Cas e:JEDEC ITO-220AB
Polarity: As marked
Weight:0.06ounce, 1.67 grams
Mounting pos ition: Any
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phas e,half wave,50 Hz,res istive or inductive load. For capacitive load,derate by 20%.
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Peak f orw ard surge current
10ms single half-sine-wave
superimposed on rated load
Maximum instantaneous
forward voltage
(IF=2.5A)
VF
V
Maximum reverse current
@TJ=25
@TJ=100
at rated DC blocking voltage
Typical thermal resistance
(Note2)
RθJC
/W
Operating junction temperature range
T
J
Storage temperature range
T
STG
2. Thermal resistance junction to case.
A
For us e in low voltage,high frequency inverters free
xxxx
wheeling,and polarity protection applications
IF(AV)
VOLTAGE RANGE: 200~600V
CURRENT: 5.0 A
ITO-220AB
µ A
IR
IFSM
A
4.0
- 55 ---- + 150
The plas tic m aterial carries U/L recognition 94V-0
200
400
600
FMU-12S
FMU-14S
FMU-16S
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
- 55 ---- + 150
30
5.0
1.5
@T
C=100
50
Maximum average forward rectified current
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
140
280
420
200
400
600
500
Dimensions in millimeters
Maximum reverse recovery time
(Note1)
trr
100
ns
NOTE: 1. Measured with IF=0.5A, IR=1A, Irr=0.25A.
FMU-12S--FMU-16S
Fast Recovery Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - FMU-14S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMU-14S SANKEN-FMU-14S Datasheet
26Kb / 1P
   Fast-Recovery Rectifier Diodes
FMU-14S SANKEN-FMU-14S Datasheet
637Kb / 5P
   FAST RECOVERY DIODES
FMU-14S SANKEN-FMU-14S Datasheet
180Kb / 4P
   Silicon Diode
More results

Similar Description - FMU-14S

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com