Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FV5M-04 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # FV5M-04
Description  HIGH VOLTAGE FAST RECOVERY RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FV5M-04 Datasheet(HTML) 1 Page - Frontier Electronics.

  FV5M-04 Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FV5M-04 THRU FV5M-24
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
HIGH VOLTAGE FAST RECOVERY RECTIFIER
FV5M-04 THRU FV5M-24
FEATURES
FOR COLOR TV RECEIVERS / MONITORS
TRIPLER CIRCUIT, DOUBLERS CIRCUIT, SINGLE CIRCUIT.
MULTISTAGE SINGULAR FLY BACK TRANSFORMER
DIFFUSED-JUNCTION
EXCELLENT HIGH TEMPERATURE OUTPUT
CHARACTERISTICS
CASE: FV5M-1
MECHANICAL DATA
CASE: TRANSFER MOLDED, DIMENSIONS IN INCHES
AND (MILLIMETERS)
LEADS: SOLDERABLE PER MIL-STD-202, METHOD 208
POLARITY: CATHODE INDICATED BY COLOR BAND
WEIGHT:
FV5M-1
0.17GRAMS
CASE: FV5M
FV5M
0.35GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED SINGLE
PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL -04
-05
-06
-08
-10
-12
-14
-16
-18
-20
-22
-24
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
4000 5000 6000 8000 10000 12000 14000 16000 18000 20000 22000 24000
V
MAXIMUM RMS VOLTAGE
VRMS
2800 3500 4200 5600 7000 8400 9800 11200 12600 14000 15400 16800
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
4000 5000 6000 8000 10000 12000 14000 16000 18000 20000 22000 24000
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
0.375”(9.5mm) LEAD LENGTH AT TA=55
°C
IO
5
mA
PEAK FORWARD SURGE CURRENT
IFSM
0.5
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
1.0
PF
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 135
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 135
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL -04
-05
-06
-08
-10
-12
-14
-16
-18
-20
-22
-24
UNITS
MAXIMUM FORWARD VOLTAGE AT 10mA DC
VF
12.0
16.0
20.0
25.0
30.0
37.5
42.5
50.0
55.0
62.5
75.0
V
MAXIMUM REVERSE CURRENT AT 25
IR
5
μA
MAXIMUM REVERSE RECOVERY TIME AT 25
℃(NOTE 2)
TRR
100
nS
PACKAGE
FV5M-1
FV5M
NOTE:
1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
2. REVERSE RECOVERY TEST CONDITIONS: IF=2mA, IR=4mA, IRR=1mA
.945(24.5)
MIN
.118(3.0)
.024(0.6)
.945(24.5)
MIN
.472
(12.0)
.26(6.7)
.24(6.5)
∅2.5±0.2
1.06(27.0)
MIN
∅0.5
1.06(27.0)
MIN


Similar Part No. - FV5M-04

ManufacturerPart #DatasheetDescription
logo
RFE international
FV5M-04 RFE-FV5M-04 Datasheet
91Kb / 1P
   LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
logo
Frontier Electronics.
FV5M-04 FRONTIER-FV5M-04 Datasheet
881Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
FV5M-04-LFR FRONTIER-FV5M-04-LFR Datasheet
122Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
FV5M-04 FRONTIER-FV5M-04_16 Datasheet
881Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
More results

Similar Description - FV5M-04

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
R1200F LUGUANG-R1200F Datasheet
246Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
FR02-25 FRONTIER-FR02-25 Datasheet
129Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
FV5M-04-LFR FRONTIER-FV5M-04-LFR Datasheet
122Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
RC0100 SSDI-RC0100_15 Datasheet
30Kb / 1P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Frontier Electronics.
FR05-10 FRONTIER-FR05-10_16 Datasheet
1Mb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
GP05-10 FRONTIER-GP05-10_16 Datasheet
1Mb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Rectron Semiconductor
HFM1600 RECTRON-HFM1600 Datasheet
102Kb / 5P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
GOOD-ARK Electronics
R1200F GOOD-ARK-R1200F Datasheet
39Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Shanghai Shunye Electro...
R2500F SY-R2500F Datasheet
234Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
SHM15F SSDI-SHM15F_1 Datasheet
86Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
RC0058D SSDI-RC0058D_15 Datasheet
72Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com