Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5.0SMDG85A Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 5.0SMDG85A
Description  Rating and Characteristic Curves 5.0SMDG Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

5.0SMDG85A Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  5.0SMDG85A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 5.0SMDG85A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 5.0SMDG85A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5000 Watt Surface Mount TVS
UNI
BI
5PEN 5BEN
11.0
12.20
13.50
10
18.2
275.0
800
5PEP 5BEP
12.0
13.30
14.70
10
19.9
252.0
800
5PEQ 5BEQ
13.0
14.40
15.90
10
21.5
233.0
500
5PER 5BER
14.0
15.60
17.20
10
23.2
216.0
200
5PES 5BES
15.0
16.70
18.50
1
24.4
205.0
100
5PET 5BET
16.0
17.80
19.70
1
26.0
193.0
50
5PEU 5BEU
17.0
18.90
20.90
1
27.6
181.0
20
5PEV 5BEV
18.0
20.00
22.10
1
29.2
172.0
10
5PEW 5BEW
20.0
22.20
24.50
1
32.4
155.0
5
5PEX 5BEX
22.0
24.40
26.90
1
35.5
141.0
5
5PEZ 5BEZ
24.0
26.70
29.50
1
38.9
129.0
5
5PFE 5BFE
26.0
28.90
31.90
1
42.1
119.0
5
5PFG 5BFG
28.0
31.10
34.40
1
45.4
110.0
5
5PFK 5BFK
30.0
33.30
36.80
1
48.4
103.0
5
5PFM 5BFM
33.0
36.70
40.60
1
53.3
93.9
5
5PFP 5BFP
36.0
40.00
44.20
1
58.1
86.1
5
5PFR 5BFR
40.0
44.40
49.10
1
64.5
77.6
5
5PFT 5BFT
43.0
47.80
52.80
1
69.4
72.1
5
5PFV 5BFV
45.0
50.00
55.30
1
72.7
68.8
5
5PFX
48.0
53.30
58.90
1
77.4
64.7
5
5PFZ
51.0
56.70
62.70
1
82.4
60.7
5
5PGE
54.0
60.00
66.30
1
87.1
57.5
5
5PGG
58.0
64.40
71.20
1
93.6
53.5
5
5PGK
60.0
66.70
73.70
1
96.8
51.7
5
5PGM
64.0
71.10
78.60
1
103.0
48.6
5
5PGP
70.0
77.80
86.00
1
113.0
44.3
5
5PGR
75.0
83.30
92.10
1
121.0
41.4
5
5PGT
78.0
86.70
95.80
1
126.0
39.7
5
5PGV
85.0
94.40
104.00
1
137.0
36.5
5
5PGX
90.0
100.00
111.00
1
146.0
34.3
5
5PGZ
100.0
111.00
123.00
1
162.0
30.9
5
5PHE
110.0
122.00
135.00
1
177.0
28.3
5
5PHG
120.0
133.00
147.00
1
193.0
26.0
5
5PHK
130.0
144.00
159.00
1
209.0
24.0
5
5PHM
150.0
167.00
185.00
1
243.0
20.6
5
5PHP
160.0
178.00
197.00
1
259.0
19.3
5
5PHR
170.0
189.00
209.00
1
275.0
18.2
5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts without A , the VBR is ± 10%
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@ VRWM
IR (µA)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @ IT
TEST
CURRENT
(IT)
mA
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
UNI-POLAR
BI-POLAR
DEVICE
MARKING
CODE
REVERSE
STANDOFF
VOLTAGE
VRWM (V)
5.0SMDG Series
Rating and Characteristic Curves 5.0SMDG Series
Electrical characteristics apply in both directions.
For Bidirectional use C or CA Suffix for types 5.0SMDG5.0 thru types 5.0SMDG170 (e.g. 5.0SMDG5.0C, 5.0SMDG70CA)
5.0SMDG11A
5.0SMDG11CA
5.0SMDG12A
5.0SMDG12CA
5.0SMDG13A
5.0SMDG13CA
5.0SMDG14A
5.0SMDG14CA
5.0SMDG15A
5.0SMDG20CA
5.0SMDG16A
5.0SMDG20CA
5.0SMDG17A
5.0SMDG20CA
5.0SMDG18A
5.0SMDG20CA
5.0SMDG20A
5.0SMDG20CA
5.0SMDG22A
5.0SMDG22CA
5.0SMDG24A
5.0SMDG24CA
5.0SMDG26A
5.0SMDG26CA
5.0SMDG28A
5.0SMDG28CA
5.0SMDG30A
5.0SMDG30CA
5.0SMDG33A
5.0SMDG33CA
5.0SMDG36A
5.0SMDG36CA
5.0SMDG40A
5.0SMDG40CA
5.0SMDG43A
5.0SMDG43CA
5.0SMDG45A
5.0SMDG45CA
5.0SMDG48A
5.0SMDG51A
5.0SMDG54A
5.0SMDG58A
5.0SMDG60A
5.0SMDG64A
5.0SMDG70A
5.0SMDG75A
5.0SMDG78A
5.0SMDG85A
5.0SMDG90A
5.0SMDG100A
5.0SMDG110A
5.0SMDG120A
5.0SMDG130A
5.0SMDG150A
5.0SMDG160A
5.0SMDG170A
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 5.0SMDG85A

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
5.0SMDG170A DIOTECH-5.0SMDG170A Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
5.0SMDG5.0 DIOTECH-5.0SMDG5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5.0SMDG85A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N4001G JGD-1N4001G Datasheet
139Kb / 2P
   RATINGS AND CHARACTERISTIC CURVES
logo
Shenzhen Ping Sheng Ele...
SS32B PFS-SS32B Datasheet
155Kb / 2P
   RATING AND CHARACTERTIC CURVES
logo
List of Unclassifed Man...
SS12A ETC2-SS12A Datasheet
38Kb / 2P
   RATING AND CHARACTERTIC CURVES
logo
New Jersey Semi-Conduct...
SM3F NJSEMI-SM3F Datasheet
121Kb / 2P
   Derating Curves
logo
Rohm
SLR343WBC7T3 ROHM-SLR343WBC7T3 Datasheet
164Kb / 5P
   Electrical Characteristics Curves
logo
SUNMATE electronic Co.,...
FMU-12S SUNMATE-FMU-12S Datasheet
450Kb / 2P
   FMU-12S-FMU-16S Ratings AND Charactieristic Curves
logo
List of Unclassifed Man...
J108 ETC-J108 Datasheet
68Kb / 1P
   Performance Curves NIP See Sedion 4
M3500-1324 ETC1-M3500-1324 Datasheet
40Kb / 1P
   2K. PERFORMANCE CURVES FOR M3500-1324
logo
WALSIN TECHNOLOGY CORPO...
MK06S WALSIN-MK06S Datasheet
269Kb / 7P
   Power rating and compact size
WF25S WALSIN-WF25S Datasheet
237Kb / 7P
   Power rating and compact size
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com