Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOT-143 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SOT-143
Description  High-speed Double Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SOT-143 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SOT-143 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SOT-143 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SOT-143 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SOT-143 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Min
MAX
UNIT
Test Condition
Reverse Leakage Current
IR
-
100
100
100
100
nA
μA
nA
μA
VR=60V
VR=60V,Tj=150℃
VR=120V
VR=120V,Tj=150℃
Forward voltage
VF
-
1
V
IF=200mA
Diode Capacitance
CD
-
2.5
pF
VR=0V,f=1.0MHz
Reverse Recovery Time
trr
-
6
ns
IF=IR=400mA,
RL=100Ω
Irr=0.1*IR
Forward recovery voltage
Vfr
-
2.0
1.5
IF=400mA,tr=30ns
IF=400mA,tr=100ns
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
BAS56
High-speed Double Diode
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SOT-143

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SOT-143 ALPHA-SOT-143 Datasheet
442Kb / 2P
   Surface Mount Schottky Quad Mixer Diodes
logo
Skyworks Solutions Inc.
SOT-143 SKYWORKS-SOT-143 Datasheet
147Kb / 4P
   Surface Mount Schottky Quad Mixer Diodes
logo
Shenzhen Luguang Electr...
SOT-143 LUGUANG-SOT-143 Datasheet
144Kb / 3P
   Surface mount switching diode
SOT-143 LUGUANG-SOT-143 Datasheet
2Mb / 4P
   Surface mount switching diode
SOT-143 LUGUANG-SOT-143 Datasheet
160Kb / 5P
   High Voltage Double Diode
More results

Similar Description - SOT-143

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300 Datasheet
52Kb / 8P
   High-speed double diode
1999 May 26
1PS301 PHILIPS-1PS301 Datasheet
52Kb / 8P
   High-speed double diode
1999 May 06
BAV70W PHILIPS-BAV70W Datasheet
58Kb / 12P
   High-speed double diode
1999 May 05
1PS300 NXP-1PS300 Datasheet
127Kb / 8P
   High-speed double diode
1996 Oct 04
BAV74 PHILIPS-BAV74_15 Datasheet
133Kb / 9P
   High-speed double diode
2004 Jan 14
logo
Guangdong Kexin Industr...
KAV70 KEXIN-KAV70 Datasheet
74Kb / 3P
   High-Speed Double Diode
BAS28 KEXIN-BAS28 Datasheet
40Kb / 2P
   High-Speed Double Diode
logo
Micro Commercial Compon...
BAS28 MCC-BAS28 Datasheet
376Kb / 3P
   High-Speed Double Diode
logo
Nexperia B.V. All right...
PMBD7100 NEXPERIA-PMBD7100 Datasheet
320Kb / 11P
   High-speed double diode
2003 Nov 07
logo
NXP Semiconductors
1PS301 PHILIPS-1PS301 Datasheet
67Kb / 8P
   High-speed double diode
1999 May 06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com