Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17604 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX17604
Description  4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17604 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX17604 Datasheet HTML 3Page - Maxim Integrated Products MAX17604 Datasheet HTML 4Page - Maxim Integrated Products MAX17604 Datasheet HTML 5Page - Maxim Integrated Products MAX17604 Datasheet HTML 6Page - Maxim Integrated Products MAX17604 Datasheet HTML 7Page - Maxim Integrated Products MAX17604 Datasheet HTML 8Page - Maxim Integrated Products MAX17604 Datasheet HTML 9Page - Maxim Integrated Products MAX17604 Datasheet HTML 10Page - Maxim Integrated Products MAX17604 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MAX17600–MAX17605
4A Sink /Source Current, 12ns, Dual MOSFET Drivers
7
Pin Description
Pin Configurations
PIN
NAME
FUNCTION
1
ENA
Enable Input for Driver A. Internally pulled to VDD through a 100kI resistor. Leave unconnected for
always-on operation. Connect to GND for disabling the corresponding channel.
2
INA
Logic Input for Channel A
3
GND
Ground
4
INB
Logic Input for Channel B
5
OUTB
Channel B Driver Output. Sources and sinks current for channel B to turn the external MOSFET at OUTB
on or off.
6
VDD
Power-Supply Input. Bypass to GND with one or more low-ESR 0.1FF ceramic capacitors.
7
OUTA
Channel A Driver Output. Sources and sinks current for channel A to turn the external MOSFET at OUTA
on or off.
8
ENB
Enable Input for Driver B. Internally pulled to VDD through a 100kI resistor. Leave unconnected for
always-on operation. Connect to GND for disabling the corresponding channel.
EP
Exposed Pad (TDFN Only). Internally connected to GND. Do not use the EP as the only ground connection.
ENA
+
INA
GND
1
2
3
4
8
7
6
5
INB
ENB
OUTA
VDD
OUTB
SO
TOP VIEW
MAX17600
MAX17601
MAX17602
MAX17603
MAX17604
MAX17605
13
4
+
86
5
ENB
VDD OUTB
2
7
OUTA
ENA
GND
INB
INA
TDFN
TOP VIEW
MAX17600
MAX17601
MAX17602
MAX17603
MAX17604
MAX17605
TOP VIEW
1
2
3
4
8
7
6
5
ENB
OUTA
VDD
OUTB
INB
GND
INA
ENA
µMAX
+ MAX17600
MAX17601
MAX17602
MAX17603
MAX17604
MAX17605


Similar Part No. - MAX17604

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17604 MAXIM-MAX17604 Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17604ASA++ MAXIM-MAX17604ASA+ Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17604ATA++ MAXIM-MAX17604ATA+ Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17604AUA++ MAXIM-MAX17604AUA+ Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
More results

Similar Description - MAX17604

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX15070A MAXIM-MAX15070A_V01 Datasheet
829Kb / 10P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
2019
MAX15070A MAXIM-MAX15070A Datasheet
1Mb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 1; 11/11
MAX15070A MAXIM-MAX15070A_13 Datasheet
1Mb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 3; 5/13
MAX25615 MAXIM-MAX25615 Datasheet
808Kb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Driver
Rev 2; 11/18
logo
IXYS Corporation
IXD_604 IXYS-IXD_604 Datasheet
320Kb / 13P
   4A Peak Source/Sink Drive Current
logo
Maxim Integrated Produc...
MAX15024 MAXIM-MAX15024 Datasheet
247Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers
Rev 0; 10/07
MAX15024 MAXIM-MAX15024_10 Datasheet
217Kb / 16P
   Single/Dual, 16ns, High Sink/source Current Gate Drivers
Rev 2; 4/10
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
   DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
   DUAL CURRENT SOURCE/CURRENT SINK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com