Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTAB12864B-BEFWD Datasheet(PDF) 5 Page - P-tec Corporation

Part # PTAB12864B-BEFWD
Description  240 Column X 64 Row
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PTAB12864B-BEFWD Datasheet(HTML) 5 Page - P-tec Corporation

  PTAB12864B-BEFWD Datasheet HTML 1Page - P-tec Corporation PTAB12864B-BEFWD Datasheet HTML 2Page - P-tec Corporation PTAB12864B-BEFWD Datasheet HTML 3Page - P-tec Corporation PTAB12864B-BEFWD Datasheet HTML 4Page - P-tec Corporation PTAB12864B-BEFWD Datasheet HTML 5Page - P-tec Corporation PTAB12864B-BEFWD Datasheet HTML 6Page - P-tec Corporation PTAB12864B-BEFWD Datasheet HTML 7Page - P-tec Corporation PTAB12864B-BEFWD Datasheet HTML 8Page - P-tec Corporation PTAB12864B-BEFWD Datasheet HTML 9Page - P-tec Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PAGE 5 OF 13
4. Absolute Maximum Ratings
Item
Symbol
Min
Max
Unit
Input Voltage
VI
-0.3
VDD+0.3
V
Supply Voltage For Logic
VDD-VSS
-0.3
7.0
V
Supply Voltage For LCD
VDD-V0
0
16
V
Operating Temp.
Top
0
50
°C
Standard
Temperature LCM
Storage Temp.
Tstr
-10
60
°C
Operating Temp.
Top
-20
70
°C
Wide Temperature
LCM
Storage Temp.
Tstr
-30
80
°C
5. Electrical Characteristics
Item
Symbol
Condition
Min
Typ
Max
Unit
Supply Voltage For Logic
VDD-VSS
4.5
5.0
5.5
V
Supply Voltage For LCD
VDD-V0
Ta=25°C
12.0
12.5
13.2
V
Input High Volt.
VIH
0.7 VDD
VDD
V
Input Low Volt.
VIL
VSS
0.3 VDD
V
Supply Current
IDD
VDD=5V
9.0
9.9
12.0
mA
Supply Voltage of
Yellow-green backlight
VLED
Forward
current
=630 mA
Number of
LED die
2x63= 126
3.8
4.2
4.3
V
Supply Voltage of White
backlight
VLED
Forward
current
=60 mA
Number of
LED die
4
2.8
3.1
3.3
V


Similar Part No. - PTAB12864B-BEFWD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTAB182002FC INFINEON-PTAB182002FC Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
logo
Cree, Inc
PTAB182002FC CREE-PTAB182002FC Datasheet
569Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 190 W, 28 V, 1805 ??1880 MHz
logo
Infineon Technologies A...
PTAB182002FCV1R0 INFINEON-PTAB182002FCV1R0 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTAB182002FCV1R0XTMA1 INFINEON-PTAB182002FCV1R0XTMA1 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTAB182002FCV1R250 INFINEON-PTAB182002FCV1R250 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
More results

Similar Description - PTAB12864B-BEFWD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTG-24064E ETC-MTG-24064E Datasheet
86Kb / 1P
   240 X 64 LCD
logo
Varitronix internationa...
MGL-24064 VARITRONIX-MGL-24064 Datasheet
74Kb / 1P
   240 X 64 DOTS
logo
HYES Optoelectronics, I...
HE245XX01 HYES-HE245XX01 Datasheet
180Kb / 1P
   240 X 64 Dots
logo
Vishay Siliconix
LCD-240H064A VISHAY-LCD-240H064A_V01 Datasheet
67Kb / 3P
   240 x 64 Graphic LCDs
01-Jan-2022
LCD-240H064C VISHAY-LCD-240H064C Datasheet
66Kb / 3P
   240 x 64 Graphic LCD
Revision: 23-Jun-17
LCD-240H064A VISHAY-LCD-240H064A_V02 Datasheet
67Kb / 3P
   240 x 64 Graphic LCD
01-Jan-2023
LCD-240H064J VISHAY-LCD-240H064J Datasheet
63Kb / 3P
   240 x 64 Graphic LCD
Revision: 07-Nov-12
LCD-240H064C VISHAY-LCD-240H064C_V01 Datasheet
69Kb / 3P
   240 x 64 Graphic LCD
01-Jan-2022
LCD-240H064J VISHAY-LCD-240H064J_V01 Datasheet
66Kb / 3P
   240 x 64 Graphic LCD
01-Jan-2022
LCD-240H064A VISHAY-LCD-240H064A Datasheet
64Kb / 3P
   240 x 64 Graphic LCD
Revision: 07-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com