Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH10M-20 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # FH10M-20
Description  HIGH VOLTAGE FAST RECOVERY AIR CLEANER RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FH10M-20 Datasheet(HTML) 1 Page - Frontier Electronics.

  FH10M-20 Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FH10M-08 FH10M-10 FH10M-12 FH10M-16 FH10M-20 FH10M-24
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
HIGH VOLTAGE FAST RECOVERY AIR CLEANER RECTIFIER
FH10M-08 FH10M-10 FH10M-12 FH10M-16 FH10M-20 FH10M-24
FEATURES
DESIGNED FOR AIR CLEANER APPLICATION
PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY
FLAMMABILITY CLASSIFICATION 94 V-0
LOW FORWARD VOLTAGE DROP
TYPICAL IR LESS THAN 1uA
HIGH OVER LOAD SURGE CAPABILITY
MECHANICAL DATA
CASE: TRANSFER MOLDED, FH, DIMENSIONS IN INCHES
AND (MILLIMETERS)
LEADS: SOLDERABLE PER MIL-STD-202,METHOD 208
POLARITY: CATHODE INDICATED BY COLOR BAND
WEIGHT :2.4 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL FH10M-08 FH10M-10 FH10M-12 FH10M-16 FH10M-20 FH10M-24 UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
8000
10000
12000
16000
20000
24000
V
MAXIMUM RMS VOLTAGE
VRMS
5600
7000
8400
11200
14000
16800
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
8000
10000
12000
16000
20000
24000
V
AVERAGE FORWARD CURRENT
IO
10
mA
NON-REPETITIVE PEAK SURGE CURRENT
IFSM
0.5
A
TYPICAL JUNCTION CAPACITANCE
CJ
1.0
PF
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 135
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 135
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL FH10M-08 FH10M-10 FH10M-12 FH10M-16 FH10M-20 FH10M-24 UNITS
MAXIMUM FORWARD VOLTAGE DROP AT 10mA,TA=25
VF
25.0
30.0
37.5
50.0
62.5
75.0
V
MAXIMUM REVERSE CURRENT AT 25
IR
5
μA
MAXIMUM REVERSE RECOVERY TIME AT IF=2mA,VR 18/24V
TRR
100
nS
.276~.295
(7.0~7.5)
.787(20.0)~.866(22.0
1.0(25.4)
MIN
.024(0.6)
1.0(25.4)
MIN


Similar Part No. - FH10M-20

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FH10M-20 FRONTIER-FH10M-20 Datasheet
1Mb / 2P
   HIGH VOLTAGE FAST RECOVERY AIR CLEANER RECTIFIER
More results

Similar Description - FH10M-20

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FH10M-08 FRONTIER-FH10M-08_16 Datasheet
1Mb / 2P
   HIGH VOLTAGE FAST RECOVERY AIR CLEANER RECTIFIER
logo
Shenzhen Luguang Electr...
R1200F LUGUANG-R1200F Datasheet
246Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
FR02-25 FRONTIER-FR02-25 Datasheet
129Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
FV5M-04-LFR FRONTIER-FV5M-04-LFR Datasheet
122Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
RC0100 SSDI-RC0100_15 Datasheet
30Kb / 1P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Frontier Electronics.
FR05-10 FRONTIER-FR05-10_16 Datasheet
1Mb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
GP05-10 FRONTIER-GP05-10_16 Datasheet
1Mb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Rectron Semiconductor
HFM1600 RECTRON-HFM1600 Datasheet
102Kb / 5P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
GOOD-ARK Electronics
R1200F GOOD-ARK-R1200F Datasheet
39Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Shanghai Shunye Electro...
R2500F SY-R2500F Datasheet
234Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com