Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC12864B-BEFWD Datasheet(PDF) 7 Page - P-tec Corporation

Part # PC12864B-BEFWD
Description  240 Column X 64 Row
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PC12864B-BEFWD Datasheet(HTML) 7 Page - P-tec Corporation

Back Button PC12864B-BEFWD Datasheet HTML 3Page - P-tec Corporation PC12864B-BEFWD Datasheet HTML 4Page - P-tec Corporation PC12864B-BEFWD Datasheet HTML 5Page - P-tec Corporation PC12864B-BEFWD Datasheet HTML 6Page - P-tec Corporation PC12864B-BEFWD Datasheet HTML 7Page - P-tec Corporation PC12864B-BEFWD Datasheet HTML 8Page - P-tec Corporation PC12864B-BEFWD Datasheet HTML 9Page - P-tec Corporation PC12864B-BEFWD Datasheet HTML 10Page - P-tec Corporation PC12864B-BEFWD Datasheet HTML 11Page - P-tec Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PAGE 7 OF 13
7. Interface Pin Function
Pin No. Symbol
Level
Description
1
FGND
Frame GND
2
VSS
0V
Ground
3
VDD
5.0V
Supply Voltage for logic
4
V0
Supply voltage for LCD
5
/WR
H/L
Write Data into T6963C
6
/RD
H/L
Read Data from T6963C
7
/CS
H/L
Chip enable for T6963C
8
C/D
H/L
Command/Data
9
NC
NC
10
/RST
H/L
Reset signal
11
DB0
H/L
Data bit 0
12
DB1
H/L
Data bit 1
13
DB2
H/L
Data bit 2
14
DB3
H/L
Data bit 3
15
DB4
H/L
Data bit 4
16
DB5
H/L
Data bit 5
17
DB6
H/L
Data bit 6
18
DB7
H/L
Data bit 7
19
FS
H/L
Pins for selection of font
20
NC
NC


Similar Part No. - PC12864B-BEFWD

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PC12864ARN-0 POWERTIP-PC12864ARN-0 Datasheet
1Mb / 65P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PC12864ARN-F POWERTIP-PC12864ARN-F Datasheet
1Mb / 65P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PC12864ARS-0 POWERTIP-PC12864ARS-0 Datasheet
1Mb / 65P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PC12864ARS-F POWERTIP-PC12864ARS-F Datasheet
1Mb / 65P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PC12864AZN-0 POWERTIP-PC12864AZN-0 Datasheet
1Mb / 65P
   OUTLINE DIMENSION & BLOCK DIAGRAM
More results

Similar Description - PC12864B-BEFWD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTG-24064E ETC-MTG-24064E Datasheet
86Kb / 1P
   240 X 64 LCD
logo
Varitronix internationa...
MGL-24064 VARITRONIX-MGL-24064 Datasheet
74Kb / 1P
   240 X 64 DOTS
logo
HYES Optoelectronics, I...
HE245XX01 HYES-HE245XX01 Datasheet
180Kb / 1P
   240 X 64 Dots
logo
Vishay Siliconix
LCD-240H064A VISHAY-LCD-240H064A_V01 Datasheet
67Kb / 3P
   240 x 64 Graphic LCDs
01-Jan-2022
LCD-240H064C VISHAY-LCD-240H064C Datasheet
66Kb / 3P
   240 x 64 Graphic LCD
Revision: 23-Jun-17
LCD-240H064A VISHAY-LCD-240H064A_V02 Datasheet
67Kb / 3P
   240 x 64 Graphic LCD
01-Jan-2023
LCD-240H064J VISHAY-LCD-240H064J Datasheet
63Kb / 3P
   240 x 64 Graphic LCD
Revision: 07-Nov-12
LCD-240H064C VISHAY-LCD-240H064C_V01 Datasheet
69Kb / 3P
   240 x 64 Graphic LCD
01-Jan-2022
LCD-240H064J VISHAY-LCD-240H064J_V01 Datasheet
66Kb / 3P
   240 x 64 Graphic LCD
01-Jan-2022
LCD-240H064A VISHAY-LCD-240H064A Datasheet
64Kb / 3P
   240 x 64 Graphic LCD
Revision: 07-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com