Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFM05-16 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # FFM05-16
Description  SURFACE MOUNT FAST RECOVERY PHOTO FLASH RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FFM05-16 Datasheet(HTML) 2 Page - Frontier Electronics.

  FFM05-16 Datasheet HTML 1Page - Frontier Electronics. FFM05-16 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FFM05-10 THRU FFM05-20
Page: 2
RATINGS AND CHARACTERISTICS CURVES FFM05-10 THRU FFM05-20
FIG. 1-MAXIMUM CURRENT DERATING CURVE
0.5
0.4
0.3
0.2
0.1
0
0
20
40
60
80 100 120 140 160 180
200
LEAD TEMPERATURE (
℃)
FIG. 2-MAXIMUM FORWARD SURGE
VS NUMBER OF CYCLES
30
24
18
12
6
0
1
10
100
NO. OF CYCLES AT 60HZ
FIG. 3-TYPICAL REVERSE CHARACTERISTICS
AT TJ=25
10
1.0
0.1
.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG. 4-TYPICAL JUNCTION CAPACITANCE
100
10
1
1
10
100
1000
VR-REVERSE VOLTAGE (V)
P.C.B MOUNTED ON
0.3×0.3”(8.0×8.0mm)
COPPER PAD AREAS
SINGLE PHASE
HALF
WAVE 60Hz
RESISTIVE OR
INDUCTIVE LOAD
VF-FORWARD VOLTAGE (V)
FIG. 5 TYPICAL FORWARD
CHARACTERISTICS
1
0.1
0.01
0.001
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0


Similar Part No. - FFM05-16

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FFM1000W RECTRON-FFM1000W Datasheet
26Kb / 2P
   FAST RECOVERY RECTIFIER VOLTAGE RANGE 1000 to 1800 Volts CURRENT 0.5 Ampere
logo
SUNMATE electronic Co.,...
FFM101 SUNMATE-FFM101 Datasheet
368Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
logo
Formosa MS
FFM101 FORMOSA-FFM101 Datasheet
68Kb / 2P
   Fast recovery type
logo
Zibo Seno Electronic En...
FFM101 ZSELEC-FFM101 Datasheet
145Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Leshan Radio Company
FFM101 LRC-FFM101 Datasheet
53Kb / 2P
   1A FAST RECOVERY SMA DIODES
More results

Similar Description - FFM05-16

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FR05-10G FRONTIER-FR05-10G Datasheet
127Kb / 2P
   FAST RECOVERY HIGH VOLTAGE PHOTO FLASH RECTIFIER
FR05-10 FRONTIER-FR05-10 Datasheet
127Kb / 2P
   FAST RECOVERY HIGH VOLTAHGE PHOTO FLASH RECTIFIER
logo
Shanghai Shunye Electro...
FR1A SY-FR1A Datasheet
234Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
SRTA EIC-SRTA_05 Datasheet
56Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
RS2A PACELEADER-RS2A Datasheet
323Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1AF PANJIT-RS1AF Datasheet
268Kb / 4P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM101 TAYCHIPST-FFM101 Datasheet
3Mb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FR1AF ETC2-FR1AF Datasheet
575Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
FR3AF ETC2-FR3AF Datasheet
580Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1A PANJIT-RS1A_05 Datasheet
41Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com