Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17601ATA+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17601ATA+
Description  4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17601ATA+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17601ATA+ Datasheet HTML 1Page - Maxim Integrated Products MAX17601ATA+ Datasheet HTML 2Page - Maxim Integrated Products MAX17601ATA+ Datasheet HTML 3Page - Maxim Integrated Products MAX17601ATA+ Datasheet HTML 4Page - Maxim Integrated Products MAX17601ATA+ Datasheet HTML 5Page - Maxim Integrated Products MAX17601ATA+ Datasheet HTML 6Page - Maxim Integrated Products MAX17601ATA+ Datasheet HTML 7Page - Maxim Integrated Products MAX17601ATA+ Datasheet HTML 8Page - Maxim Integrated Products MAX17601ATA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MAX17600–MAX17605
4A Sink /Source Current, 12ns, Dual MOSFET Drivers
2
VDD, INA, INB, ENA, ENB to GND........................-0.3V to +16V
OUTA, OUTB to GND............................................-0.3V to +16V
Junction Operating Temperature Range ......... -40NC to +125NC
Continuous Power Dissipation (TA = +70NC)
8-Pin TDFN (derate 23.8mW/NC above +70NC) ........1904mW
8-Pin SO (derate 74mW/NC above +70NC)............. 588.2mW*
8-Pin FMAX (derate 12.9mW/NC above +70NC) .....1030.9mW
Operating Temperature Range........................ -40NC to +125NC
Junction Temperature ................................................... +150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+240NC
*As per JEDEC 51 standard.
TDFN
Junction-to-Ambient Thermal Resistance (BJA) ..........42NC/W
Junction-to-Case Thermal Resistance (BJC) .................8NC/W
SO
Junction-to-Ambient Thermal Resistance (BJA) ........136NC/W
Junction-to-Case Thermal Resistance (BJC) ...............38NC/W
F
MAX
Junction-to-Ambient Thermal Resistance (BJA) .......77.6NC/W
Junction-to-Case Thermal Resistance (BJC) .................5NC/W
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
ELECTRICAL CHARACTERISTICS
(VDD = 12V, CL = 0F, at TA = -40NC to +125NC, unless otherwise noted. Typical values are specified at TA = +25NC. Parameters
specified at VDD = 4V apply to the TTL versions only.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY (VDD)
VDD Operating Range
VDD
TTL versions
4
14
V
HNM versions
6
14
VDD Undervoltage Lockout
UVLO
VDD rising
3
3.5
3.85
V
VDD UVLO Hysteresis
200
mV
VDD UVLO to OUT_ Delay
VDD rising
120
F
s
VDD Supply Current
IDD_Q
Not switching, VDD = 14V (Note 3)
1
2
mA
IDD_SW
VDD = 4.5V, CL = 1nF, both channels
switching at 1MHz
12
18
DRIVER OUTPUT (SOURCE) (OUTA, OUTB)
Peak Output Current (Sourcing)
IPK-P
VDD = 14V, CL = 10nF (Note 3)
4
A
Driver Output Resistance Pulling Up
(Note 4)
RON-P
VDD = 14V, IOUT_ = 100mA
0.88
1.85
I
VDD = 4V, IOUT_ = 100mA
0.91
1.95
DRIVER OUTPUT (SINK) (OUTA, OUTB)
Peak Output Current (Sinking)
IPK-N
VDD = 14V, CL = 10nF (Note 3)
4
A
Driver Output Resistance Pulling
Down (Note 4)
RON-N
VDD = 14V, IOUT_ = -100mA
0.5
0.95
I
VDD = 4V, IOUT_ = -100mA
0.52
1


Similar Part No. - MAX17601ATA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17601ATA++ MAXIM-MAX17601ATA+ Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
More results

Similar Description - MAX17601ATA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX15070A MAXIM-MAX15070A_V01 Datasheet
829Kb / 10P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
2019
MAX15070A MAXIM-MAX15070A Datasheet
1Mb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 1; 11/11
MAX15070A MAXIM-MAX15070A_13 Datasheet
1Mb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 3; 5/13
MAX25615 MAXIM-MAX25615 Datasheet
808Kb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Driver
Rev 2; 11/18
logo
IXYS Corporation
IXD_604 IXYS-IXD_604 Datasheet
320Kb / 13P
   4A Peak Source/Sink Drive Current
logo
Maxim Integrated Produc...
MAX15024 MAXIM-MAX15024 Datasheet
247Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers
Rev 0; 10/07
MAX15024 MAXIM-MAX15024_10 Datasheet
217Kb / 16P
   Single/Dual, 16ns, High Sink/source Current Gate Drivers
Rev 2; 4/10
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
   DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
   DUAL CURRENT SOURCE/CURRENT SINK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com