Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC5643LF2VMM8 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # SPC5643LF2VMM8
Description  Qorivva Microcontroller
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LF2VMM8 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button SPC5643LF2VMM8 Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5643LF2VMM8 Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5643LF2VMM8 Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5643LF2VMM8 Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5643LF2VMM8 Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5643LF2VMM8 Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5643LF2VMM8 Datasheet HTML 9Page - Freescale Semiconductor, Inc SPC5643LF2VMM8 Datasheet HTML 10Page - Freescale Semiconductor, Inc SPC5643LF2VMM8 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 136 page
background image
Introduction
MPC5643L Microcontroller Data Sheet, Rev. 8.1
Freescale Semiconductor
7
1.5.1
High-performance e200z4d core
The e200z4d Power Architecture® core provides the following features:
2 independent execution units, both supporting fixed-point and floating-point operations
Dual issue 32-bit Power Architecture technology compliant
— 5-stage pipeline (IF, DEC, EX1, EX2, WB)
— In-order execution and instruction retirement
Full support for Power Architecture instruction set and Variable Length Encoding (VLE)
— Mix of classic 32-bit and 16-bit instruction allowed
— Optimization of code size possible
Thirty-two 64-bit general purpose registers (GPRs)
Harvard bus (32-bit address, 64-bit data)
— I-Bus interface capable of one outstanding transaction plus one piped with no wait-on-data return
— D-Bus interface capable of two transactions outstanding to fill AHB pipe
I-cache and I-cache controller
— 4 KB, 256-bit cache line (programmable for 2- or 4-way)
No data cache
16-entry MMU
8-entry branch table buffer
Branch look-ahead instruction buffer to accelerate branching
Dedicated branch address calculator
3 cycles worst case for missed branch
Load/store unit
— Fully pipelined
— Single-cycle load latency
— Big- and little-endian modes supported
— Misaligned access support
— Single stall cycle on load to use
Single-cycle throughput (2-cycle latency) integer 32 × 32 multiplication
4 – 14 cycles integer 32 × 32 division (average division on various benchmark of nine cycles)
Single precision floating-point unit
— 1 cycle throughput (2-cycle latency) floating-point 32 × 32 multiplication
— Target 9 cycles (worst case acceptable is 12 cycles) throughput floating-point 32 × 32 division
— Special square root and min/max function implemented
Signal processing support: APU-SPE 1.1
— Support for vectorized mode: as many as two floating-point instructions per clock
Vectored interrupt support
Reservation instruction to support read-modify-write constructs
Extensive system development and tracing support via Nexus debug port
1.5.2
Crossbar switch (XBAR)
The XBAR multi-port crossbar switch supports simultaneous connections between four master ports and three slave ports. The
crossbar supports a 32-bit address bus width and a 64-bit data bus width.
The crossbar allows four concurrent transactions to occur from any master port to any slave port, although one of those transfers
must be an instruction fetch from internal flash memory. If a slave port is simultaneously requested by more than one master


Similar Part No. - SPC5643LF2VMM8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SPC5643LF2MLQ1 NXP-SPC5643LF2MLQ1 Datasheet
1Mb / 136P
   MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
SPC5643LF2MLQ1R NXP-SPC5643LF2MLQ1R Datasheet
1Mb / 136P
   MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
SPC5643LF2MLQ8 NXP-SPC5643LF2MLQ8 Datasheet
1Mb / 136P
   MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
SPC5643LF2MLQ8R NXP-SPC5643LF2MLQ8R Datasheet
1Mb / 136P
   MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
SPC5643LF2MMM1 NXP-SPC5643LF2MMM1 Datasheet
1Mb / 136P
   MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
More results

Similar Description - SPC5643LF2VMM8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5642A FREESCALE-MPC5642A Datasheet
1Mb / 120P
   Qorivva MPC5642A Microcontroller
MPC5645S FREESCALE-MPC5645S Datasheet
1Mb / 146P
   Qorivva MPC5645S Microcontroller Data Sheet
MPC5554FS FREESCALE-MPC5554FS Datasheet
589Kb / 2P
   Qorivva MPC5554 Family
SPC560 FREESCALE-SPC560 Datasheet
243Kb / 2P
   Qorivva MPC560xBCD Family
TRK-MPC5606B FREESCALE-TRK-MPC5606B Datasheet
243Kb / 2P
   Qorivva MPC560xB/C/D Family
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com