Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTAB12864B-NCFWD Datasheet(PDF) 4 Page - P-tec Corporation

Part # PTAB12864B-NCFWD
Description  240 Column X 64 Row
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PTAB12864B-NCFWD Datasheet(HTML) 4 Page - P-tec Corporation

  PTAB12864B-NCFWD Datasheet HTML 1Page - P-tec Corporation PTAB12864B-NCFWD Datasheet HTML 2Page - P-tec Corporation PTAB12864B-NCFWD Datasheet HTML 3Page - P-tec Corporation PTAB12864B-NCFWD Datasheet HTML 4Page - P-tec Corporation PTAB12864B-NCFWD Datasheet HTML 5Page - P-tec Corporation PTAB12864B-NCFWD Datasheet HTML 6Page - P-tec Corporation PTAB12864B-NCFWD Datasheet HTML 7Page - P-tec Corporation PTAB12864B-NCFWD Datasheet HTML 8Page - P-tec Corporation PTAB12864B-NCFWD Datasheet HTML 9Page - P-tec Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PAGE 4 OF 13
2. Precautions in use of LCD Modules
(1)Avoid applying excessive shocks to the module or making any alterations or modifications to
it.
(2)Don’t make extra holes on the printed circuit board, modify its shape or change the
components of LCD module.
(3)Don’t disassemble the LCM.
(4)Don’t operate it above the absolute maximum rating.
(5)Don’t drop, bend or twist LCM.
(6)Soldering: only to the I/O terminals.
(7)Storage: please storage in anti-static electricity container and clean environment.
3. General Specification
Item
Dimension
Unit
Number of Dots
240 x 64
Module dimension(None Backlight )
180.0 x 65.0 x 11.0(MAX)
mm
Module dimension(With Backlight )
180.0 x 65.0 x 16.0(MAX)
mm
View area
132.2 x 39.2
mm
Active area
127.16 x 33.88
mm
Dot size
0.49 x 0.49
mm
Dot pitch
0.53x 0.53
mm
LCD type
STN
Duty
1/64
View direction
6 o’clock or 12 o’clock
Backlight Type
None, YELLOW-GREEN backlight,
WHITE backlight


Similar Part No. - PTAB12864B-NCFWD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTAB182002FC INFINEON-PTAB182002FC Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
logo
Cree, Inc
PTAB182002FC CREE-PTAB182002FC Datasheet
569Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 190 W, 28 V, 1805 ??1880 MHz
logo
Infineon Technologies A...
PTAB182002FCV1R0 INFINEON-PTAB182002FCV1R0 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTAB182002FCV1R0XTMA1 INFINEON-PTAB182002FCV1R0XTMA1 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTAB182002FCV1R250 INFINEON-PTAB182002FCV1R250 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
More results

Similar Description - PTAB12864B-NCFWD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTG-24064E ETC-MTG-24064E Datasheet
86Kb / 1P
   240 X 64 LCD
logo
Varitronix internationa...
MGL-24064 VARITRONIX-MGL-24064 Datasheet
74Kb / 1P
   240 X 64 DOTS
logo
HYES Optoelectronics, I...
HE245XX01 HYES-HE245XX01 Datasheet
180Kb / 1P
   240 X 64 Dots
logo
Vishay Siliconix
LCD-240H064A VISHAY-LCD-240H064A_V01 Datasheet
67Kb / 3P
   240 x 64 Graphic LCDs
01-Jan-2022
LCD-240H064C VISHAY-LCD-240H064C Datasheet
66Kb / 3P
   240 x 64 Graphic LCD
Revision: 23-Jun-17
LCD-240H064A VISHAY-LCD-240H064A_V02 Datasheet
67Kb / 3P
   240 x 64 Graphic LCD
01-Jan-2023
LCD-240H064J VISHAY-LCD-240H064J Datasheet
63Kb / 3P
   240 x 64 Graphic LCD
Revision: 07-Nov-12
LCD-240H064C VISHAY-LCD-240H064C_V01 Datasheet
69Kb / 3P
   240 x 64 Graphic LCD
01-Jan-2022
LCD-240H064J VISHAY-LCD-240H064J_V01 Datasheet
66Kb / 3P
   240 x 64 Graphic LCD
01-Jan-2022
LCD-240H064A VISHAY-LCD-240H064A Datasheet
64Kb / 3P
   240 x 64 Graphic LCD
Revision: 07-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com