Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


SPX116 Datasheet(PDF) 4 Page - Sipex Corporation

Part No. SPX116
Description  Low Dropout Voltage Three Terminal Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIPEX [Sipex Corporation]
Homepage  http://www.sipex.com
Logo 

 
 4 page
background image
SPX116
Rev. 8/21/01
SPX116 Low Dropout Voltage Three Terminal Regulator
©Copyright 2001 Sipex Corporation
3
TYPICAL CHARACTERISTICS Continued
1.0
0
20
40
50 60
AMBIENT TEMPERATURE (ºC)
0.9
0.8
0.7
0.6
0.5
0.4
0.1
0.3
0.2
0
10
30
70
80
90
0.125" LEAD LENGTH
FROM PC BOARD
0.4" LENGTH
FROMPC BOARD
Figure 7. Maximum Power Dissipation (SOT89)
Figure 8. Maximum Power Dissipation (TO-92)
Figure 9. Output Impedance
Figure 10. Operation During Load Dump
0.0
010 20
40
70 80
AMBIENT TEMPERATURE (ºC)
30
50 60
90
0.4
0.8
1.2
1.6
2.0
10
1
0.1
0
30
60
90
120
150
FREQUENCY (Hz)
0.01
5.0V
I
O = 10mA
OPERATION DURING LOAD DUMP
TIME (ms)
400
200
100
-100
30
10
0
6
4
-2
2
0
0
300
~
~
20
40
50
60
70
500
~
~
C
O
= 100
µF
R
L
= 500




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KIA78DL05FBIPOLAR LINEAR INTEGRATED CIRCUIT THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR 1 2 3 4 5 KEC(Korea Electronics)
KIA78DL05PIBIPOLAR LINEAR INTEGRATED CIRCUIT THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR 1 2 3 4 5 KEC(Korea Electronics)
UPC2400ATHREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR 1 2 3 4 5 MoreNEC
UPC24A00THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR 1 2 3 4 5 MoreNEC
TA48M025F2.5V 3V 3.3V 3.45V 4V 5V THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR 1 2 3 4 5 MoreToshiba Semiconductor
UPC24M00ATHREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR 1 2 3 4 5 MoreNEC
UPC2900THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR 1 2 3 4 5 MoreNEC
UPC29L00THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR 1 2 3 4 5 MoreNEC
SPX116Low Dropout Voltage Three Terminal Regulator 1 2 3 4 5 MoreSipex Corporation
UPC29M00THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR 1 2 3 4 5 MoreNEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl