Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX2750EUA+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX2750EUA+
Description  2.4GHz Monolithic Voltage-Controlled Oscillators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2750EUA+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2750EUA+ Datasheet HTML 1Page - Maxim Integrated Products MAX2750EUA+ Datasheet HTML 2Page - Maxim Integrated Products MAX2750EUA+ Datasheet HTML 3Page - Maxim Integrated Products MAX2750EUA+ Datasheet HTML 4Page - Maxim Integrated Products MAX2750EUA+ Datasheet HTML 5Page - Maxim Integrated Products MAX2750EUA+ Datasheet HTML 6Page - Maxim Integrated Products MAX2750EUA+ Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
2.4GHz Monolithic
Voltage-Controlled Oscillators
2
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, VTUNE = +0.4V to +2.4V, V SHDN
≤ +2V, OUT = connected to 50Ω load, TA = -40°C to +85°C. Typical values
are at VCC = +3.0V, TA = +25°C, unless otherwise noted.) (Note 1)
AC ELECTRICAL CHARACTERISTICS
(MAX2750/MAX2751/MAX2752 EV kit, VCC = +2.7V to +5.5V, VTUNE = +0.4V to +2.4V, V SHDN
≤ +2V, OUT = connected to 50Ω load,
TA = +25°C. Typical values are at VCC = +3.0V, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
TUNE, SHDN, BYP, OUT to GND ...............-0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
µMAX (derate 4.8mW/°C above TA = +70°C)...........387.8mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
2.7
5.5
V
TA = +25
oC
11.3
14.4
MAX2750
TA = -40
oC to +85oC
14.1
17.0
TA = +25
oC
9.7
12.1
MAX2751
TA = -40
oC to +85oC
12.7
15.9
TA = +25
oC
10
12.1
Supply Current
MAX2752
TA = -40
oC to +85oC
12.8
15.2
mA
Shutdown Supply Current
0.2
1
μA
SHDN Input Voltage Low
0.6
V
SHDN Input Voltage High
2.0
V
SHDN Input Current Low
VSHDN
≤ 0.6V
-2
2
μA
SHDN Input Current High
VSHDN
≥ 2.0V
-2
2
μA
TUNE Input Current
0.4
≤ VTUNE ≤ 2.4V
0.02
nA
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
MAX2750
2400
2500
MHz
MAX2751
2120
2260
MHz
Oscillator Guaranteed
Frequency Limits (Note1)
VTUNE = +0.4V to +2.4V,
TA = -40
oC to +85oC
MAX2752
2025
2165
MHz
fOFFSET = 4MHz
-125
dBc/Hz
Phase Noise
Noise floor
-151
dBm/Hz
fOSC = 2400MHz, +3V
140
MAX2750
fOSC = 2500MHz, +3V
90
fOSC = 2120MHz, +3V
175
MAX2751
fOSC = 2260MHz, +3V
110
fOSC = 2025MHz, +3V
170
Tuning Gain (Note 2)
MAX2752
fOSC = 2165MHz, +3V
105
MHz/V
Output Power
-3
dBm
Return Loss
12
dB
Harmonics
-30
dBc


Similar Part No. - MAX2750EUA+

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX2750EUA MAXIM-MAX2750EUA Datasheet
149Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillators
Rev 0; 10/00
More results

Similar Description - MAX2750EUA+

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX2750 MAXIM-MAX2750 Datasheet
149Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillators
Rev 0; 10/00
MAX2623 MAXIM-MAX2623 Datasheet
156Kb / 6P
   Monolithic Voltage-Controlled Oscillators
Rev 1; 5/00
MAX2622 MAXIM-MAX2622_V01 Datasheet
150Kb / 6P
   Monolithic Voltage-Controlled Oscillators
2018
MAX2750AUA MAXIM-MAX2750AUA_V01 Datasheet
715Kb / 7P
   2.4GHz Monolithic Voltage-Controlled Oscillator
2015
MAX2750AUA MAXIM-MAX2750AUA Datasheet
158Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillator for Automotive
Rev 0; 6/07
Mini-Circuits
Mini-Circuits
K-POS-2 MINI-K-POS-2 Datasheet
242Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
Maxim Integrated Products
Maxim Integrated Produc...
MAX2753 MAXIM-MAX2753 Datasheet
141Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillator with Differential Outputs
Rev 0; 1/01
Texas Instruments
Texas Instruments
SN54LS624 TI1-SN54LS624_14 Datasheet
953Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
SYNERGY MICROWAVE CORPORATION
SYNERGY MICROWAVE CORPO...
VCSO-0C12 SYNERGY-VCSO-0C12 Datasheet
515Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
VFC180SA SYNERGY-VFC180SA Datasheet
162Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz