Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX2750EUA+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX2750EUA+
Description  2.4GHz Monolithic Voltage-Controlled Oscillators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2750EUA+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2750EUA+ Datasheet HTML 1Page - Maxim Integrated Products MAX2750EUA+ Datasheet HTML 2Page - Maxim Integrated Products MAX2750EUA+ Datasheet HTML 3Page - Maxim Integrated Products MAX2750EUA+ Datasheet HTML 4Page - Maxim Integrated Products MAX2750EUA+ Datasheet HTML 5Page - Maxim Integrated Products MAX2750EUA+ Datasheet HTML 6Page - Maxim Integrated Products MAX2750EUA+ Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
General Description
The MAX2750/MAX2751/MAX2752 are self-contained volt-
age-controlled oscillators (VCOs) intended for use in the
2.4GHz to 2.5GHz ISM band. Each IC combines a fully
integrated oscillator and output buffer in a miniature 8-pin
µMAX package.
The inductor and varactor elements of the tank are inte-
grated on-chip, greatly simplifying application of the part.
The only required external components are a couple of
supply bypass capacitors. The IC provides direct connec-
tion to the VCO tuning voltage input and the VCO buffer
output. The tuning voltage input range is +0.4V to +2.4V,
and the oscillator frequency tuning range is factory adjust-
ed to provide guaranteed limits. The output signal is
buffered by an amplifier stage (internally matched to 50
Ω)
to provide higher output power and isolate the device from
load impedance variations.
The MAX2750/MAX2751/MAX2752 operate over a +2.7V
to +5.5V supply voltage range. Internal regulation of the
oscillator supply voltage eliminates the need for an exter-
nal LDO regulator for the VCO. The IC also provides a dig-
itally controlled shutdown mode to permit implementation
of sophisticated power-supply management. In shutdown,
the supply current is reduced to less than 1µA.
________________________Applications
802.11b DSSS WLAN
802.11 FHSS WLAN
Home RF
2.4GHz Bluetooth ISM Proprietary Radio
Features
♦ Guaranteed Frequency Tuning Range
MAX2750: 2400MHz to 2500MHz (Zero IF)
MAX2751: 2120MHz to 2260MHz
(240MHz to 280MHz IF)
MAX2752: 2025MHz to 2165MHz
(335MHz to 375MHz IF)
♦ On-Chip Tank Circuit
♦ Internally Matched Output Buffer Amplifier
♦ Low-Current Shutdown Mode
♦ +2.7V to +5.5V Supply Voltage Range
♦ Miniature 8-Pin µMAX Package
2.4GHz Monolithic
Voltage-Controlled Oscillators
OSCILLATOR
CORE
BIAS
TUNE
TUNE
BYP
SHDN
GND
OUT
VCC1
VCC
VCC2
GND
SHDN
OUT TO MIXER/
SYNTHESIZER
MAX2750
MAX2751
MAX2752
Typical Operating Circuit
19-1825; Rev 1; 5/12
EVALUATION
KIT
AVAILABLE
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX2750EUA+
-40
°C to +85°C
8 μMAX
MAX2751EUA+
-40
°C to +85°C
8 μMAX
MAX2752EUA+
-40
°C to +85°C
8 μMAX
Pin Configuration appears at end of data sheet.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
Devices are also available in a tape-and-reel packaging. Specify
tape and reel by adding “T” to the part number when ordering.
1
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX2750EUA+

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX2750EUA MAXIM-MAX2750EUA Datasheet
149Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillators
Rev 0; 10/00
More results

Similar Description - MAX2750EUA+

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX2750 MAXIM-MAX2750 Datasheet
149Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillators
Rev 0; 10/00
MAX2623 MAXIM-MAX2623 Datasheet
156Kb / 6P
   Monolithic Voltage-Controlled Oscillators
Rev 1; 5/00
MAX2622 MAXIM-MAX2622_V01 Datasheet
150Kb / 6P
   Monolithic Voltage-Controlled Oscillators
2018
MAX2750AUA MAXIM-MAX2750AUA_V01 Datasheet
715Kb / 7P
   2.4GHz Monolithic Voltage-Controlled Oscillator
2015
MAX2750AUA MAXIM-MAX2750AUA Datasheet
158Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillator for Automotive
Rev 0; 6/07
Mini-Circuits
Mini-Circuits
K-POS-2 MINI-K-POS-2 Datasheet
242Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
Maxim Integrated Products
Maxim Integrated Produc...
MAX2753 MAXIM-MAX2753 Datasheet
141Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillator with Differential Outputs
Rev 0; 1/01
Texas Instruments
Texas Instruments
SN54LS624 TI1-SN54LS624_14 Datasheet
953Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
SYNERGY MICROWAVE CORPORATION
SYNERGY MICROWAVE CORPO...
VCSO-0C12 SYNERGY-VCSO-0C12 Datasheet
515Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
VFC180SA SYNERGY-VFC180SA Datasheet
162Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz