Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC5554 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5554
Description  Microcontroller
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5554_12 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5554_12 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5554_12 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5554_12 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5554_12 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5554_12 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5554_12 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5554_12 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5554_12 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Contents
© Freescale Semiconductor, Inc., 2008,2012. All rights reserved.
Document Number: MPC5554
Rev. 4, May 2012
This document provides electrical specifications, pin
assignments, and package diagrams for the MPC5554
microcontroller device. For functional characteristics,
refer to the MPC5553/MPC5554 Microcontroller
Reference Manual.
1
Overview
The MPC5554 microcontroller (MCU) is a member of
the MPC5500 family of microcontrollers built on the
Power Architectureembedded technology. This family
of parts has many new features coupled with high
performance CMOS technology to provide substantial
reduction of cost per feature and significant performance
improvement over the MPC500 family.
The host processor core of this device complies with the
Power Architecture embedded category that is 100%
user-mode compatible (including floating point library)
with the original PowerPC instruction set. The embedded
architecture enhancements improve the performance in
embedded applications. The core also has additional
instructions, including digital signal processing (DSP)
instructions, beyond the original PowerPC instruction
set.
1
Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
3
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 4
3.1
Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3.2
Thermal Characteristics. . . . . . . . . . . . . . . . . . . . . . 5
3.3
Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
3.4
EMI (Electromagnetic Interference) Characteristics 8
3.5
ESD (Electromagnetic Static Discharge) Characteris-
tics9
3.6
Voltage Regulator Controller (VRC) and
Power-On Reset (POR) Electrical Specifications9
3.7
Power-Up/Down Sequencing . . . . . . . . . . . . . . . . 10
3.8
DC Electrical Specifications. . . . . . . . . . . . . . . . . . 14
3.9
Oscillator and FMPLL Electrical Characteristics . . 20
3.10 eQADC Electrical Characteristics . . . . . . . . . . . . . 22
3.11 H7Fa Flash Memory Electrical Characteristics . . . 23
3.12 AC Specifications . . . . . . . . . . . . . . . . . . . . . . . . . 24
3.13 AC Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
4
Mechanicals. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
4.1
MPC5553546667 416 PBGA Pinout . . . . . . . . . . . 45
4.2
MPC5554 416-Pin Package Dimensions . . . . . . . 52
5
Revision History for the MPC5554 Data Sheet . . . . . . 54
5.1
Changes between Revision 3 and Revision 4 . . . . 54
5.2
Changes between Revision 2 and Revision 3 . . . . 54
MPC5554
Microcontroller Data Sheet
by: Microcontroller Division


Similar Part No. - MPC5554_12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5554AVR132 FREESCALE-MPC5554AVR132 Datasheet
858Kb / 50P
   Microcontroller
MPC5554AVR132 FREESCALE-MPC5554AVR132 Datasheet
992Kb / 54P
   Microcontroller
MPC5554AZP132 FREESCALE-MPC5554AZP132 Datasheet
992Kb / 54P
   Microcontroller
MPC5554FS FREESCALE-MPC5554FS Datasheet
589Kb / 2P
   Qorivva MPC5554 Family
MPC5554MVR112 FREESCALE-MPC5554MVR112 Datasheet
858Kb / 50P
   Microcontroller
More results

Similar Description - MPC5554_12

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com