Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLF1519P1XNL Datasheet(PDF) 3 Page - Frontier Electronics.

Part # FTLF1519P1XNL
Description  Product Guide
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FTLF1519P1XNL Datasheet(HTML) 3 Page - Frontier Electronics.

  FTLF1519P1XNL Datasheet HTML 1Page - Frontier Electronics. FTLF1519P1XNL Datasheet HTML 2Page - Frontier Electronics. FTLF1519P1XNL Datasheet HTML 3Page - Frontier Electronics. FTLF1519P1XNL Datasheet HTML 4Page - Frontier Electronics. FTLF1519P1XNL Datasheet HTML 5Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
XFP
SNAP12
X2
SFF
XeNPAK
300 PIN
PON
SnAP12 (optical; shortwave)
– DATACom applications for inter-chassis connections
Features
• Twelve-channel transmitter and receiver modules
• Pluggable MegArray connector and unretimed electrical interface
• Maximum link length of 600m at 2.5Gb/s on OM3 MMF Fiber
• Multirate capability: 1 Gb/s to 2.7 Gb/s per channel
XFP (optical; longwave, shortwave, DWDM, and Tunable)
– DATACom applications using 10 Gigabit Ethernet and 10x Fibre Channel
– TeleCom applications using OC-192/STM-64
Features
• Supports bit rates up to 11.3 Gb/s
• Distances up to 80 km
• Digital diagnostics
X2/XenPAK (optical; longwave and shortwave)
– DATACom applications using 10 Gigabit Ethernet and 10x Fibre Channel
Features
• 1.2 V, 3.3 V and 5 V operating voltage
• Supports bit rates up to 10.5 Gb/s
• Distances up to 10 km
• Digital diagnostics
300 Pin (optical; longwave)
– TeleCom 10 Gb/s and 40 Gb/s applications
Features
• Supports bit rates up to 44.6 Gb/s
• Available in RZ-OOK (10G), NRZ-OOK (10G/40G), and NRZ-DPSK (40G) formats
• Compliant to industry standards (ITU-T; SFI-4/5; 300 PIN MSA)
• DWDM broadly 50GHz spaced tunablility across C or L bands
SFF (optical 2x5, 2x7 and 2x10; longwave and shortwave)
– DATACom applications using Gigabit Ethernet, 1x/2x/4x Fibre Channel
– TeleCom applications using OC-3/STM-1, OC-12/STM-4 and OC-48/STM-16 across all reaches
Features
• 3.3 V operating voltage
• Distances from very short links up to 80 km
• Wide operating temperature range
• Metal enclosure for lower EMI
• 2x7 and 2x10 incorporate digital diagnostics
POn (optical; longwave)
– TeleCom access applications for GPON and EPON
Features
• 3.3 V operating voltage
• EPON stick incorporates full EPON ONU functionality
• Distances up to 20 km, Class B+, PX-20+
• Digital diagnostics
FiniSAr’S PAtented digitAl diAgnOStiCS
Finisar’s XFP, XPAK, X2, XENPAK, 300 PIN, SFP, SFP+, and 2x7 and 2x10 SFF transceivers feature a
microprocessor and diagnostics interface that provides performance information on the data link.
Users can remotely monitor—in real-time—received optical power, transmitted optical power,
laser bias current, transceiver input voltage and transceiver temperature of any transceiver in the
network. These digital diagnostic functions provide network managers with a highly accurate,
cost-effective tool for implementing reliable performance monitoring.


Similar Part No. - FTLF1519P1XNL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1519P1XNL FINISAR-FTLF1519P1XNL Datasheet
689Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
More results

Similar Description - FTLF1519P1XNL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S640832K SAMSUNG-K4S640832K_07 Datasheet
153Kb / 8P
   SDRAM Product Guide
logo
Bel Fuse Inc.
MAGJACK BEL-MAGJACK Datasheet
1Mb / 4P
   MAGJACK PRODUCT GUIDE
logo
Samsung semiconductor
K4H641638N SAMSUNG-K4H641638N Datasheet
239Kb / 10P
   DDR SDRAM Product Guide
logo
List of Unclassifed Man...
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Pulse A Technitrol Comp...
JK0-0177NL PULSE-JK0-0177NL Datasheet
976Kb / 2P
   LAN Product Guide - Servers
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
TDK Electronics
CGA3E1X5R1C225K080AC TDK-CGA3E1X5R1C225K080AC Datasheet
9Mb / 64P
   2012 MLCC PRODUCT GUIDE
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Samsung semiconductor
K4R881869I-DC SAMSUNG-K4R881869I-DC Datasheet
45Kb / 4P
   Direct RDRAM Product Guide
K4Y54084UF-JC SAMSUNG-K4Y54084UF-JC Datasheet
39Kb / 3P
   XDRTM DRAM Product Guide
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com