Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL4741A-LFR Datasheet(PDF) 1 Page - Frontier Electronics.

Part # DL4741A-LFR
Description  1WATT MELF ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

DL4741A-LFR Datasheet(HTML) 1 Page - Frontier Electronics.

  DL4741A-LFR Datasheet HTML 1Page - Frontier Electronics. DL4741A-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DL4728A-LFR THRU DL4753A-LFR
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
1WATT MELF ZENER DIODE
DL4728A-LFR THRU DL4753A-LFR
FEATURES
LOW COST
SMALL SIZE
ROHS
MECHANICAL DATA
CASE: MELF, DIMENSIONS IN INCHES AND (MILLIMETERS)
TERMINALS:
SOLDERABLE PER MIL-STD -202, METHOD 208
POLARITY: COLOR BAND DENOTES CATHODE
MOUNTING POSITION: ANY
WEIGHT: 0.135 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE
SPECIFIED STORAGE AND OPERATING TEMPERATURE RANGE -55 TO + 150
°C
ELECTRICAL CHARACTERISTICS (TA=25
℃ UNLESS OTHERWISE NOTED) VF=1.2V MAX, IF = 200mA FOR ALL TYPES
MAXIMUM ZENER IMPEDANCE
LEAKAGE CURRENT
JEDEC
TYPE NO
NOMINAL
ZENER
VOLTAGE
VZ@ IZT
VOLTS
TEST
CURRENT
IZT
mA
ZZT @ IZT
OHMS
ZZK @ IZK
OHMS
IZK
mA
IR
μA MAX
VR
VOLTS
SURGE
CURRENT
@ TA=25
IR-mA
DL4728A-LF
R
DL4729A-LF
R
DL4730A-LF
R
DL4731A-LF
R
DL4732A-LF
R
DL4733A-LF
R
DL4734A-LF
R
DL4735A-LF
R
DL4736A-LF
R
DL4737A-LF
R
DL4738A-LF
R
DL4739A-LF
R
DL4740A-LF
R
DL4741A-LF
R
DL4742A-LF
R
DL4743A-LF
R
DL4744A-LF
R
DL4745A LF
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
76
69
64
58
53
49
45
41
37
34
31
28
25
23
21
19
17
15.5
14
12.5
11.5
10.5
9.5
8.5
7.5
7.0
10
10
9
9
8
7
5
2
3.5
4
4.5
5
7
8
9
10
14
16
20
22
23
25
35
40
45
50
400
400
400
400
500
550
600
700
700
700
700
700
700
700
700
700
700
700
750
750
750
750
750
1000
1000
1000
1
1
1
1
1
1
1
1
1
0.5
0.5
0.5
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
100
100
50
10
10
10
10
10
10
10
10
10
10
5
5
5
5
5
5
5
5
5
5
5
5
5
1
1
1
1
1
1
2
3
4
5
6
7
7.6
8.4
9.1
9.9
11.4
12.2
13.7
15.2
16.7
18.2
20.6
22.8
25.1
27.4
1380
1260
1190
1070
970
890
810
730
660
605
550
500
454
414
380
344
304
285
250
225
205
190
170
150
135
125
NOTE
︰SUFFIX "A" FOR ±5﹪
SOLDERABLE ENDS
.105(2.67)
.095(2.41)
.205(5.2)
.190(4.8)
.022(.60)
.018(.46)


Similar Part No. - DL4741A-LFR

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL4741A-TP MCC-DL4741A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
More results

Similar Description - DL4741A-LFR

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
ZS4728A WINNERJOIN-ZS4728A Datasheet
110Kb / 2P
   1WATT MELF ZENER DIODE
logo
Frontier Electronics.
DL4728A FRONTIER-DL4728A Datasheet
128Kb / 2P
   1WATT MELF ZENER DIODE
ZUL10-400B FRONTIER-ZUL10-400B Datasheet
119Kb / 2P
   1WATT ZENER DIODE
logo
Formosa MS
Z110 FORMOSA-Z110 Datasheet
54Kb / 2P
   1WATT ZENER DIODE
logo
Frontier Electronics.
ZUL10-200B FRONTIER-ZUL10-200B Datasheet
119Kb / 2P
   1WATT ZENER DIODE
1N4736A FRONTIER-1N4736A Datasheet
127Kb / 2P
   1WATT ZENER DIODE
ZSL10-200B FRONTIER-ZSL10-200B Datasheet
119Kb / 2P
   1WATT ZENER DIODE
logo
Jinan Gude Electronic D...
1EZ110D5 JGD-1EZ110D5 Datasheet
109Kb / 2P
   1WATT SILICON ZENER DIODE
logo
Frontier Electronics.
ZS110-LFR FRONTIER-ZS110-LFR Datasheet
121Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
Formosa MS
ZS100L FORMOSA-ZS100L Datasheet
204Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com