Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFU1001H-09 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CFU1001H-09
Description  Common Mode Line Filters.CFU1001 series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CFU1001H-09 Datasheet(HTML) 1 Page - Frontier Electronics.

  CFU1001H-09 Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Common Mode Line Filter P/N: CF1001 Series
Rev. A
Jan. 01, 2006 Page 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
Common Mode Line Filters—CFU1001 series
A. Specifications:
Part
Number
Inductance
(mH)
/ L1-L2/
(uH) Max.
DCR
(OHMS) Max.
Rated Current
(A) rms.
CFU1001 -01
2 x 0.20
50
0.10
2.00
CFU1001 -02
2 x 0.47
100
0.18
1.70
CFU1001 -03
2 x 0.70
100
0.30
1.20
CFU1001 -04
2 x 1.00
100
0.50
1.00
CFU1001 -05
2 x 2.00
200
1.00
0.50
CFU1001 -06
2 x 5.60
200
2.80
0.30
CFU1001 -07
2 x 10.0
200
3.50
0.25
CFU1001 -08
2 x 22.0
200
6.30
0.20
CFU1001 -09
2 x 40.0
400
8.00
0.10
Note:
: “H” for Horizontal mounting type.
V” for Vertical mounting type.
B. Mechanical Dimensions:
C. General information:
1. Test Condition: 1.0KHz / 1V.
2. Electrical specifications at 25ºC.
3. Temperature Rise: ≤40ºC.
4. Operating temperature: -20ºC TO +105ºC.
5. Insulation Resistance: 100M OHMS at 500VDC.
6. Rated Voltage: 100V to 270V / 50-60 Hz.
7. Hi-Pot Voltage: 1500VAC for one minute.
Custom specifications are available.
Note:
RoHS compliant; for the ROHS parts, we add “-LFR” at the end of the P/N.


Similar Part No. - CFU1001H-09

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CFU1001H01 FRONTIER-CFU1001H01 Datasheet
109Kb / 1P
   Common Mode Line Filters
CFU1001H02 FRONTIER-CFU1001H02 Datasheet
109Kb / 1P
   Common Mode Line Filters
CFU1001H03 FRONTIER-CFU1001H03 Datasheet
109Kb / 1P
   Common Mode Line Filters
CFU1001H04 FRONTIER-CFU1001H04 Datasheet
109Kb / 1P
   Common Mode Line Filters
CFU1001H05 FRONTIER-CFU1001H05 Datasheet
109Kb / 1P
   Common Mode Line Filters
More results

Similar Description - CFU1001H-09

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CMT1-5.0-1L COILCRAFT-CMT1-5.0-1L Datasheet
118Kb / 3P
   Common Mode Line Chokes
logo
Frontier Electronics.
CFH2501 FRONTIER-CFH2501 Datasheet
98Kb / 1P
   Common Mode Line Filters
CFS28XX FRONTIER-CFS28XX Datasheet
115Kb / 1P
   Common Mode Line Filters
logo
Coilcraft lnc.
E3490-AL COILCRAFT-E3490-AL_13 Datasheet
276Kb / 2P
   Common Mode Line Chokes
CMT1-5.0-1L COILCRAFT-CMT1-5.0-1L_13 Datasheet
125Kb / 5P
   Common Mode Line Chokes
logo
XFMRS Inc.
XF0056-CMC125 XFMRS-XF0056-CMC125 Datasheet
51Kb / 1P
   COMMON MODE LINE FILTER
logo
PCA ELECTRONICS INC.
EPZ3074E PCA-EPZ3074E Datasheet
23Kb / 1P
   Common Mode Line Choke
EPZ3034E PCA-EPZ3034E Datasheet
37Kb / 1P
   Common Mode Line Choke
logo
Frontier Electronics.
CFS24XX FRONTIER-CFS24XX Datasheet
115Kb / 1P
   Common Mode Line Filters
CFU1001 FRONTIER-CFU1001 Datasheet
109Kb / 1P
   Common Mode Line Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com