Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF-005 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # DF-005
Description  1A BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

DF-005 Datasheet(HTML) 1 Page - Frontier Electronics.

  DF-005 Datasheet HTML 1Page - Frontier Electronics. DF-005 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DF005 THRU DF10
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
1A BRIDGE RECTIFIERS
DF005 THRU DF10
FEATURES
PLASTIC MATERIAL USED CARRIES UNDERWRITERS
LABORATORY RECOGNITION 94V-0
GLASS PASSIVATED CHIP
IDEAL FOR PRINTED CIRCUIT BOARD
HIGH TEMPERATURE SOLDERING GUARANTEED:
260
°C /10S AT 5 LBS., (2.3KG) TENSION
MECHANICAL DATA
CASE: MOLDED PLASTIC, DF, DIMENSIONS
IN INCHES AND (MILLIMETERS)
TERMINALS: LEAD SOLDERABLE PER MIL-STD-202,
METHOD 208
POLARITY: POLARITY SYMBOLS MARKED ON BODY
MOUNTING POSITION: ANY
WEIGHT: 1.0 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL DF-005
DF-01
DF-02
DF-04
DF-06
DF-08
DF-10
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
AT TA=40
°C
IO
1.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
50
A
TYPICAL JUNCTION CAPACITANCE PER LEG@ 4V, 1MHz
CJ
25
PF
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 150
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL DF-005
DF-01
DF-02
DF-04
DF-06
DF-08
DF-10
UNITS
MAXIMUM FORWARD VOLTAGE DROP PER BRIDGE ELEMENT
AT Io DC
VF
1.1
1.2
V
MAXIMUM REVERSE CURRENT AT RATED
TA= 25
DC BLOCKING VOLTAGE PER ELEMENT
TA=125
IR
10.0
0.5
μA
mA
0.023(0.58)
0.018(0.46)
0.013(3.30)
0.086(0.22)
0.130(3.30)
0.120(3.05)
0.205(5.2)
0.197(5.0)
0.185(4.69)
0.150(3.81)
0.350(8.9)
0.300(7.6)
0.335(8.51)
0.320(8.13)
0.255(6.5)
0.245(6.2)
-
~
~
+
~
~
+
-


Similar Part No. - DF-005

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
DF-005-LFR FRONTIER-DF-005-LFR Datasheet
120Kb / 2P
   1A BRIDGE RECTIFIERS
More results

Similar Description - DF-005

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
DF005-LFR FRONTIER-DF005-LFR Datasheet
120Kb / 2P
   1A BRIDGE RECTIFIERS
BL1-005 FRONTIER-BL1-005 Datasheet
121Kb / 2P
   1A BRIDGE RECTIFIERS
DF005S-LFR FRONTIER-DF005S-LFR Datasheet
121Kb / 2P
   1A SURFACE MOUNT BRIDGE RECTIFIERS
DF005S FRONTIER-DF005S Datasheet
121Kb / 2P
   1A SURFACE MOUNT BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
DBLS101G TSC-DBLS101G_16 Datasheet
208Kb / 4P
   1A, 50V - 1000V Glass Passivated Bridge Rectifiers
DBL104G-T TSC-DBL104G-T Datasheet
278Kb / 4P
   1A, 400V - 1000V Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
MB101F SECOS-MB101F Datasheet
210Kb / 2P
   100V ~ 1000V, 1A Surface Mount Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBLS104G-T TSC-DBLS104G-T Datasheet
294Kb / 4P
   1A, 400V - 1000V Glass Passivated Bridge Rectifiers
ABS2 TSC-ABS2_16 Datasheet
218Kb / 4P
   1A, 200V - 1000V Glass Passivated Bridge Rectifiers
logo
Chip Integration Techno...
DF101 CITC-DF101 Datasheet
91Kb / 3P
   1A Miniature Glass Passivated Single-Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com