Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

908E626 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # 908E626
Description  Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

908E626 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button 908E626_12 Datasheet HTML 35Page - Freescale Semiconductor, Inc 908E626_12 Datasheet HTML 36Page - Freescale Semiconductor, Inc 908E626_12 Datasheet HTML 37Page - Freescale Semiconductor, Inc 908E626_12 Datasheet HTML 38Page - Freescale Semiconductor, Inc 908E626_12 Datasheet HTML 39Page - Freescale Semiconductor, Inc 908E626_12 Datasheet HTML 40Page - Freescale Semiconductor, Inc 908E626_12 Datasheet HTML 41Page - Freescale Semiconductor, Inc 908E626_12 Datasheet HTML 42Page - Freescale Semiconductor, Inc 908E626_12 Datasheet HTML 43Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
41
908E626
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 1.0)
Figure 22. Device on Thermal Test Board RJA
Figure 23. Transient Thermal Resistance RJA (1.0 W Step Response)
Device on Thermal Test Board Area A = 600 (mm2)
0
10
20
30
40
50
60
Heat spreading area A [mm²]
0
300
600
RJA11
RJA22
RJA12 =RJA21
x
0.1
1
10
100
1.00E-03 1.00E-02
1.00E-01 1.00E+00 1.00E+01 1.00E+02 1.00E+03 1.00E+04
Time[s]
RJA11
RJA22
RJA12 =RJA21
x


Similar Part No. - 908E626_12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E626 FREESCALE-908E626_08 Datasheet
1Mb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_09 Datasheet
839Kb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
More results

Similar Description - 908E626_12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E626 FREESCALE-908E626_09 Datasheet
839Kb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626 Datasheet
678Kb / 38P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_08 Datasheet
1Mb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625 Datasheet
628Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625_10 Datasheet
913Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
logo
Motorola, Inc
MM908E625 MOTOROLA-MM908E625 Datasheet
595Kb / 40P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
logo
Freescale Semiconductor...
908E625 FREESCALE-908E625_07 Datasheet
754Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E624 FREESCALE-908E624 Datasheet
576Kb / 40P
   Integrated Triple High-Side Switch with Embedded MCU and LIN Serial Communication for Relay Drivers
908E624 FREESCALE-908E624_12 Datasheet
686Kb / 39P
   Integrated Triple High Side Switch Embedded MCU and Lin Serial Communication for Relay Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com