Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BYV95CP Datasheet(PDF) 2 Page - Frontier Electronics.

Part No. BYV95CP
Description  1.5A FAST RECOVERY PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FRONTIER [Frontier Electronics.]
Homepage  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BYV95CP Datasheet(HTML) 2 Page - Frontier Electronics.

  BYV95CP Datasheet HTML 1Page - Frontier Electronics. BYV95CP Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BYV95AP THRU BYV96EP
Page: 2
1cm
RATINGS AND CHARACTERISTIC CURVE BYV95AP THRU BYV96EP
+0.5A
0
-0.25A
-1.0A
Trr
SET TIME BASE
FOR 10/20 ns/cm
FIG. 1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
PULSE
GENERATOR
( NOTE 2 )
(+)
25 Vdc
(approx)
(-)
D.U.T.
1
Ω
NON
INDUCTIVE
OSCILLOSCOPE
( NOTE 1 )
50
Ω
NO INDUCTIVE
10
Ω
NO INDUCTIVE
(-)
(+)
NOTE: 1. RISE TIME=7ns MAX. INPUT
IMPEDANCE=1 MOhms 22PF
2. RISE TIME =10ns MAX. SOURCE
IMPEDANCE=50 OHMS
100
10
1
FIG. 5-TYPICAL JUNCTION CAPACITANCE
Tj=25
oC
f = 1 MHz
Vsig = 50 mV p-p
1
10
100
REVERSE VOLTAGE, VOLTS
10
1
0.1
.01
FIG. 6-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE
VOLTS
Tj=25
oC
PULSE WIDTH =300us
1% DUTY CYCLE
0.4
0.6
0.8
1.0
1.2
1.4
1.6
TA-AMBIENT TEMPERATURE (
OC)
Fig. 2-MAXIMUM CURRENT DERATING CURVE
0
20
40 60 80 100 120 140 160 180 200
1.5
1.0
0.5
0
SINGLE PHASE
HALF
WAVE 60Hz
RESISTIVE OR
INDUCTIVE LOAD
FIG. 3-TYPICAL REVERSE
CHARACTERISTICS
TJ=25
oC
100
10
1. 0
0.1
.01
PERCENT OF RATED PEAK REVERSE
0
20
40
60
80
100
120
140
TJ=100
oC
Fig. 4-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
60
50
40
30
20
10
0
1
10
100
NUMBER OF CYCLES AT 60 HZ
Tc=60
oC
SINGLE SINE-WAVE
(JEDEC METHOD)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn