Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BYV95CP Datasheet(PDF) 1 Page - Frontier Electronics.

Part No. BYV95CP
Description  1.5A FAST RECOVERY PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FRONTIER [Frontier Electronics.]
Homepage  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BYV95CP Datasheet(HTML) 1 Page - Frontier Electronics.

  BYV95CP Datasheet HTML 1Page - Frontier Electronics. BYV95CP Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYV95AP THRU BYV96EP
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
1.5A FAST RECOVERY PLASTIC RECTIFIER
BYV95AP THRU BYV96EP
FEATURES
FAST RECOVERY TIMES
UL 94VO FLAME RETARDANT EPOXY MOLDING COMPOUND
LOW COST
HIGH SURGE CURRENT CAPABILITY
DIFFUSED JUNCTION
MECHANICAL DATA
CASE: TRANSFER MOLDED, DO15, DIMENSIONS
IN INCHES AND (MILLIMETERS)
TERMINAL: SOLDERABLE PER MIL-STD-202,METHOD 208
POLARITY: CATHODE INDICATED BY COLOR BAND
WEIGHT: 0.4 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
BYV95AP
BYV95BP
BYV95CP
BYV96DP
BYV96EP
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
0.375”(9.5mm) LEAD LENGTH AT TA=55
°C
IO
1.5
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
60
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
10
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθja
40
℃/W
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 150
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
BYV95AP
BYV95BP
BYV95CP
BYV96DP
BYV96EP
UNITS
MAXIMUM FORWARD VOLTAGE AT Io DC
VF
1.6
V
MAXIMUM REVERSE CURRENT AT 25
IR
5
μA
MAXIMUM REVERSE CURRENT AT 100
IR
50
μA
MAXIMUM REVERSE RECOVERY TIME (NOTE 3)
TRR
150
250
300
nS
NOTE:
1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
2. BOTH LEADS ATTACHED TO HEAT SINK 20x20x1t(mm) COPPER PLATE AT LEAD LENGTH 5mm
3. REVERSE RECOVERY TEST CONDITIONS: IF=0.5A, IR=1.0A, IRR=0.25A
.140(3.6)
.104(2.6)
.034(0.9)
.028(0.7)
.300(7.6)
.230(5.8)
1.0(25.4)
MIN
1.0(25.4)
MIN


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn