Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BP40-04 Datasheet(PDF) 1 Page - Frontier Electronics.

Part No. BP40-04
Description  40A HIGH CURRENT SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FRONTIER [Frontier Electronics.]
Homepage  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BP40-04 Datasheet(HTML) 1 Page - Frontier Electronics.

  BP40-04 Datasheet HTML 1Page - Frontier Electronics. BP40-04 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BP40-005 THRU BP40-10
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
40A HIGH CURRENT SILICON BRIDGE RECTIFIERS
BP40-005 THRU BP40-10
FEATURES
CURRENT RATING 40A
REVERSE VOLTAGE RATING UP TO 1000V
TYPICAL IR LESS THAN 1
?A
HIGH TEMPERATURE SOLDERING GUARANTEED:
260°C /10 SECOND
MECHANICAL DATA
CASE: METAL HEAT SINK CASE, ELECTRICALLY INSULATED
DIMENSIONS IN INCHES AND (MILLIMETERS)
TERMINALS: UNIVERSAL .25?(6.3mm) FAST ON
MOUNTING METHOD: BOLT DOWN ON HEAT SINK WITH
SILICON THERMAL COMPOUND BETWEEN BRIDGE AND
MOUNTING SURFACE FOR MAXIMUM HEAT TRANSFER
EFFICIENCY
WEIGHT: 20 GRAMS
DIMENSIONS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED SINGLE
PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD.
FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL BP40-005 BP40-01 BP40-02 BP40-04 BP40-06 BP40-08 BP40-10 UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED OUTPUT CURRENT
AT TC=55
°C
IO
40.0
A
PEAK FORWARD SURGE CURRENT SINGLE SINE-WAVE
SUPERIMPOSED ON RATED LOAD
IFSM
400
A
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 175
?
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 175
?
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL BP40-005 BP40-01 BP40-02 BP40-04 BP40-06 BP40-08 BP40-10 UNITS
MAXIMUM INSTANTANEOUS FORWARD VOLTAGE PER BRIDGE
ELEMENT AT SPECIFIED CURRENT
VF
1.1
V
MAXIMUM REVERSE DC CURRENT AT RATE DC BLOCKING
VOLTAGE PER ELEMENT
IR
10
?A
NOTE: Suffix No. Versus Different Cases and Terminals
DIM
MIN
MAX
REMARK
H*
0.295(7.5)
0.311(7.9)
SUFFIX ?S? THIN CASE
I*
0.74(18.80)
0.84(21.30)
SUFFIX ?S? THIN CASE
L*
1.09(27.89)
-
SUFFIX ?S? THIN CASE
CASE
SUFFIX No
TERMINAL
NORMAL METAL CASE THIN METAL CASE
NORMAL PLASTIC
CASE ALUMINUM BASE
THIN PLASTIC
CASE ALUMINUM BASE
FAST ON TERMINALS
NO SUFFIX
S
P
PS
WIRE LEAD TERMINALS
W
WS
PW
PWS
IN LINE PIN CONFIGURATION
?
?
L
LS
1.13(28.7)
1.12(28.4)
0.469(11.90)
0.429(10.90)
0.752(19.10)
0.673(17.10)
?
L*
1.200
(30.5) MIN
0.042(1.07)
0.038(0.97)
H* 0.442(11.23)
0.432(10.97)
0.094
(2.4)
diam
I*
1.00(25.40)
0.90(22.86)
0.25
(6.35)
0.565(14.35)
0.525(13.35)
1.13(28.7)
1.12(28.4)
0.657(16.7)
0.618(15.7)
0.652
(16.6)
0.728(18.5)
0.689(17.5)
HOLE FOR
No.10 SCREW
0.2
? (5.08)diam.
H*
0.442(11.23)
0.432(10.97)
HOLE FOR
No.10 SCREW
0.2
? (5.08)diam.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn