Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC15XS3400DHFK Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC15XS3400DHFK
Description  Quad High Side Switch (Quad 15 mOhm)
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC15XS3400DHFK Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC15XS3400DHFK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC15XS3400DHFK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC15XS3400DHFK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC15XS3400DHFK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC15XS3400DHFK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC15XS3400DHFK Datasheet HTML 10Page - Freescale Semiconductor, Inc MC15XS3400DHFK Datasheet HTML 11Page - Freescale Semiconductor, Inc MC15XS3400DHFK Datasheet HTML 12Page - Freescale Semiconductor, Inc MC15XS3400DHFK Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
15XS3400
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
OUTPUTS HS0 TO HS3
Output Drain-to-Source ON Resistance
(IHS = 5.0 A, TA = 25°C)
VPWR = 4.5 V
VPWR = 6.0 V
VPWR = 10 V
VPWR = 13 V
RDS(ON)_25
55
24
15
15
m
Ω
Output Drain-to-Source ON Resistance (IHS = 5.0 A, TA = 150°C)
VPWR = 4.5 V
VPWR = 6.0 V
VPWR = 10 V
VPWR = 13 V
RDS(ON)_150
95
41
26
26
m
Ω
Output Source-to-Drain ON Resistance (IHS = -5.0 A, VPWR = -18 V)
(14)
TA = 25°C
TA = 150°C
RSD(ON)
22.5
30
m
Ω
Maximum Severe Short-Circuit Impedance Detection(15)
RSHORT
28
64
100
m
Ω
Output Over-current Detection Levels (6.0 V < VHS[0:3] < 20 V)
28 W bit = 0
28 W bit = 1
OCHI1_0
OCHI2_0
OC1_0
OC2_0
OC3_0
OC4_0
OCLO4_0
OCLO3_0
OCLO2_0
OCLO1_0
OCHI1_1
OCHI2_1
OC1_1
OC2_1
OC3_1
OC4_1
OCLO4_1
OCLO3_1
OCLO2_1
OCLO1_1
78
50
44.1
37.8
31.5
25.2
18.9
12.6
10.0
6.4
39
25
22.0
18.9
15.7
12.6
4.5
4.5
4.5
3.0
94.0
60.0
52.5
45.0
37.5
30.0
22.5
15.0
12.0
8.0
47.0
30.0
26.2
22.5
18.7
15.0
6.0
6.0
6.0
4.0
110
70
60.9
52.2
43.5
34.8
26.1
17.4
14.0
9.6
55
35
30.5
26.1
21.8
17.4
7.5
7.5
7.5
5.0
A
Notes
14.
Source-Drain ON Resistance (Reverse Drain-to-Source ON Resistance) with negative polarity VPWR.
15.
Short-circuit impedance calculated from HS[0:3] to GND pins. Value guaranteed per design.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
≤ VPWR ≤ 20 V, 3.0 V ≤ VDD ≤ 5.5 V, -40°C ≤ TA ≤ 125°C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MC15XS3400DHFK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC15XS3400DPNA FREESCALE-MC15XS3400DPNA Datasheet
1Mb / 51P
   Quad High Side Switch (Quad 15 mOhm)
More results

Similar Description - MC15XS3400DHFK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
15XS3400 FREESCALE-15XS3400 Datasheet
1Mb / 51P
   Quad High Side Switch (Quad 15 mOhm)
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
   Quad High Side Switch (Quad 35 mOhm)
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 48P
   Quad High Side Switch (Quad 35 mOhm)
logo
NXP Semiconductors
MC09XS3400 NXP-MC09XS3400 Datasheet
1Mb / 51P
   Quad high-side switch (9.0 mOhm)
Rev. 5.0, 8/2018
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XS3412 FREESCALE-10XS3412_12 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
logo
NXP Semiconductors
MC10XS3425 NXP-MC10XS3425 Datasheet
1Mb / 52P
   Quad high-side switch (dual 10 mOhm, dual 25 mOhm)
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
10XS3412 FREESCALE-10XS3412_09 Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com