Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10XS3435BHFK Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC10XS3435BHFK
Description  Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC10XS3435BHFK Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC10XS3435BHFK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC10XS3435BHFK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC10XS3435BHFK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC10XS3435BHFK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC10XS3435BHFK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC10XS3435BHFK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC10XS3435BHFK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC10XS3435BHFK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC10XS3435BHFK Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
10XS3435
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
VPWR Supply Voltage Range
Load Dump at 25°C (400 ms)
Maximum Operating Voltage
Reverse Battery
VPWR(SS)
41
28
-18
V
VDD Supply Voltage Range
VDD
-0.3 to 5.5
V
Input/Output Voltage
(6)
-0.3 to VDD+0.3
V
WAKE Input Clamp Current
ICL(WAKE)
2.5
mA
CSNS Input Clamp Current
ICL(CSNS)
2.5
mA
HS [0:3] Voltage
Positive
Negative
VHS[0:3]
41
-24
V
Output Current(3)
IHS[0:3]
6.0
A
HS[0,1] Output Clamp Energy using single pulse method(4)
ECL[0:1]
100
mJ
HS[2,3] Output Clamp Energy using single pulse method(4)
ECL[2:3]
35
mJ
ESD Voltage(5)
Human Body Model (HBM) for HS[0:3], VPWR and GND
Human Body Model (HBM) for other pins
Charge Device Model (CDM)
Corner Pins (1, 13, 19, 21)
All Other Pins (2-12, 14-18, 20, 22-24)
VESD1
VESD2
VESD3
VESD4
±8000
±2000
±750
±500
V
THERMAL RATINGS
Operating Temperature
Ambient
Junction
TA
TJ
-40 to 125
-40 to 150
°C
Storage Temperature
TSTG
-55 to 150
°C
Notes
3.
Continuous high side output current rating so long as maximum junction temperature is not exceeded. Calculation of maximum output
current using package thermal resistance is required.
4.
Active clamp energy using single-pulse method (L = 2.0 mH, RL = 0 Ω, VPWR = 14 V, TJ = 150°C initial).
5.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω), the Machine Model (MM)
(CZAP = 200 pF, RZAP = 0 Ω), and the Charge Device Model (CDM), Robotic (CZAP = 4.0 pF).
6.
Input / Output pins are: IN[0:3], RSTB, FSI, CSNS, SI, SCLK, CSB, SO, FSB


Similar Part No. - MC10XS3435BHFK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC10XS3435BPNA FREESCALE-MC10XS3435BPNA Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
More results

Similar Description - MC10XS3435BHFK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
10XS3435 FREESCALE-10XS3435_09 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
logo
NXP Semiconductors
MC10XS3425 NXP-MC10XS3425 Datasheet
1Mb / 52P
   Quad high-side switch (dual 10 mOhm, dual 25 mOhm)
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
10XS3412 FREESCALE-10XS3412_12 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
10XS3412 FREESCALE-10XS3412_09 Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 48P
   Quad High Side Switch (Quad 35 mOhm)
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
   Quad High Side Switch (Quad 35 mOhm)
10XSD200 FREESCALE-10XSD200 Datasheet
1Mb / 60P
   Dual 10 mOhm High Side Switch
logo
NXP Semiconductors
MC12XS6D4 NXP-MC12XS6D4 Datasheet
1Mb / 71P
   Dual 8.0 mOhm and dual 21 mOhm high-side switch
Rev. 6.0, 1/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com