Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10XS3435DHFK Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MC10XS3435DHFK
Description  Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC10XS3435DHFK Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MC10XS3435DHFK Datasheet HTML 13Page - Freescale Semiconductor, Inc MC10XS3435DHFK Datasheet HTML 14Page - Freescale Semiconductor, Inc MC10XS3435DHFK Datasheet HTML 15Page - Freescale Semiconductor, Inc MC10XS3435DHFK Datasheet HTML 16Page - Freescale Semiconductor, Inc MC10XS3435DHFK Datasheet HTML 17Page - Freescale Semiconductor, Inc MC10XS3435DHFK Datasheet HTML 18Page - Freescale Semiconductor, Inc MC10XS3435DHFK Datasheet HTML 19Page - Freescale Semiconductor, Inc MC10XS3435DHFK Datasheet HTML 20Page - Freescale Semiconductor, Inc MC10XS3435DHFK Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
10XS3435
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
POWER OUTPUT TIMING HS0 TO HS3 (CONTINUED)
HS[0,1] Output Over-current Time Step for 28 W bit = 1
HS[2,3] Output Over-current Time Step
OC[1:0]=00 (slow by default)
OC[1:0]=01 (fast)
OC[1:0]=10 (medium)
OC[1:0]=11 (very slow)
tOC1_00
tOC2_00
tOC3_00
tOC4_00
tOC5_00
tOC6_00
tOC7_00
tOC1_01
tOC2_01
tOC3_01
tOC4_01
tOC5_01
tOC6_01
tOC7_01
tOC1_10
tOC2_10
tOC3_10
tOC4_10
tOC5_10
tOC6_10
tOC7_10
tOC1_11
tOC2_11
tOC3_11
tOC4_11
tOC5_11
tOC6_11
tOC7_11
3.4
1.1
1.4
2.0
3.4
8.5
62.4
0.86
0.28
0.36
0.51
0.78
2.14
20.2
1.7
0.5
0.7
1.0
1.7
4.2
31.2
6.8
2.2
2.9
4.0
6.8
17.0
124.8
4.9
1.6
2.1
2.9
4.9
12.2
89.2
1.24
0.40
0.52
0.74
1.12
3.06
22.2
2.5
0.8
1.0
1.5
2.5
6.1
44.6
9.8
3.2
4.2
5.8
9.8
24.4
178.4
6.4
2.1
2.8
3.8
6.4
15.9
116.0
1.61
0.52
0.68
0.96
1.46
3.98
28.9
3.3
1.0
1.3
2.0
3.3
6.0
58.0
12.8
16.7
5.5
7.6
12.8
31.8
232.0
ms
Table 5. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
≤ VPWR ≤ 20 V, 3.0 V ≤ VDD ≤ 5.5 V, -40°C ≤ TA ≤ 125°C, GND = 0 V unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MC10XS3435DHFK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC10XS3435DPNA FREESCALE-MC10XS3435DPNA Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
More results

Similar Description - MC10XS3435DHFK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
10XS3435 FREESCALE-10XS3435_09 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
logo
NXP Semiconductors
MC10XS3425 NXP-MC10XS3425 Datasheet
1Mb / 52P
   Quad high-side switch (dual 10 mOhm, dual 25 mOhm)
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
10XS3412 FREESCALE-10XS3412_12 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
10XS3412 FREESCALE-10XS3412_09 Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 48P
   Quad High Side Switch (Quad 35 mOhm)
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
   Quad High Side Switch (Quad 35 mOhm)
10XSD200 FREESCALE-10XSD200 Datasheet
1Mb / 60P
   Dual 10 mOhm High Side Switch
logo
NXP Semiconductors
MC12XS6D4 NXP-MC12XS6D4 Datasheet
1Mb / 71P
   Dual 8.0 mOhm and dual 21 mOhm high-side switch
Rev. 6.0, 1/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com