Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10XS3435DHFK Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MC10XS3435DHFK
Description  Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC10XS3435DHFK Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MC10XS3435DHFK Datasheet HTML 29Page - Freescale Semiconductor, Inc MC10XS3435DHFK Datasheet HTML 30Page - Freescale Semiconductor, Inc MC10XS3435DHFK Datasheet HTML 31Page - Freescale Semiconductor, Inc MC10XS3435DHFK Datasheet HTML 32Page - Freescale Semiconductor, Inc MC10XS3435DHFK Datasheet HTML 33Page - Freescale Semiconductor, Inc MC10XS3435DHFK Datasheet HTML 34Page - Freescale Semiconductor, Inc MC10XS3435DHFK Datasheet HTML 35Page - Freescale Semiconductor, Inc MC10XS3435DHFK Datasheet HTML 36Page - Freescale Semiconductor, Inc MC10XS3435DHFK Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
33
10XS3435
FUNCTIONAL DEVICE OPERATION
PROTECTION AND DIAGNOSTIC FEATURES
Figure 13. Autoretry State Machine
AUTORETRY
The autoretry circuitry is used to reactivate the output(s)
automatically in case of over-current or over-temperature or
under-voltage failure conditions to provide a high availability
of the load.
Autoretry feature is available in Fault mode. It is activated
in case of internal retry signal is set to logic [1]:
retry[x] = OC[x] or OT[x] or UV.
The feature retries to switch-on the output(s) after one
autoretry period (tAUTO) with a limitation in term of number of
occurrence (16 for each output). The counter of retry
occurrences is reset in case of Fail-safe to Normal or Normal
to Fail-safe mode transitions. At each autoretry, the over-
current detection will be set to default values in order to
sustain the inrush current.
The Figure 13 describes the autoretry state machine.
DIAGNOSTIC
Output Shorted to VPWR Fault
The 10XS3435 incorporates output shorted to VPWR
detection circuitry in OFF state. Output shorted to VPWR fault
is detected if output voltage is higher than VOSD(THRES) and
reported as a fault condition when the output is disabled
(OFF). The output shorted to VPWR fault is latched into the
status register after the internal gate voltage is pulled low
enough to turn OFF the output. The OS[0:3] and
OL_OFF[0:3] fault bits are set in the status register and FS
pin reports in real time the fault. If the output shorted to
VPWR fault is removed, the status register will be cleared
after reading the register.
The open output shorted to VPWR protection can be
disabled through SPI (OS_DIS[0:3] bit).
Open-Load Faults
The 10XS3435 incorporates three dedicated open-load
detection circuitries on the output to detect in OFF and in ON
state.
Open-load Detection In Off State
The OFF output open-load fault is detected when the
output voltage is higher than VOLD(THRES) pulled up with
internal current source (IOLD(OFF)) and reported as a fault
condition when the output is disabled (OFF). The OFF Output
open-load fault is latched into the status register or when the
internal gate voltage is pulled low enough to turn OFF the
output. The OL_OFF[0:3] fault bit is set in the status register.
If the open load fault is removed (FS output pin goes to high),
the status register will be cleared after reading the register.
The OFF output open-load protection can be disabled
through SPI (OLOFF_DIS[0:3] bit).
OFF
ON
Latched
OFF
Autoretry
OFF
Autoretry
ON
(SC=1)
(OV=1)
(fault_control=1 and OV=0)
(fault_control=0 or OV=1)
(fault_control=0)
(fault_control=0)
(fault_control=0)
(SC=1)
(Retry=1)
=> count=count+1
(Retry=1)
(count=16)
(after Retry Period and OV=0)
(OpenloadOFF=1
or ShortVpwr=1
(OpenloadOFF=1
or ShortVpwr=1
(OpenloadOFF=1
or ShortVpwr=1
(OpenloadON=1)
(OpenloadON=1)
or OV=1)
or OV=1)
or OV=1)
if hson=1
if hson=0
if hson=1


Similar Part No. - MC10XS3435DHFK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC10XS3435DPNA FREESCALE-MC10XS3435DPNA Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
More results

Similar Description - MC10XS3435DHFK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
10XS3435 FREESCALE-10XS3435_09 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
logo
NXP Semiconductors
MC10XS3425 NXP-MC10XS3425 Datasheet
1Mb / 52P
   Quad high-side switch (dual 10 mOhm, dual 25 mOhm)
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
10XS3412 FREESCALE-10XS3412_12 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
10XS3412 FREESCALE-10XS3412_09 Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 48P
   Quad High Side Switch (Quad 35 mOhm)
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
   Quad High Side Switch (Quad 35 mOhm)
10XSD200 FREESCALE-10XSD200 Datasheet
1Mb / 60P
   Dual 10 mOhm High Side Switch
logo
NXP Semiconductors
MC12XS6D4 NXP-MC12XS6D4 Datasheet
1Mb / 71P
   Dual 8.0 mOhm and dual 21 mOhm high-side switch
Rev. 6.0, 1/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com