Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX502CVK8B Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MCIMX502CVK8B
Description  i.MX50 Applications Processors for Consumer Products
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX502CVK8B Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MCIMX502CVK8B Datasheet HTML 65Page - Freescale Semiconductor, Inc MCIMX502CVK8B Datasheet HTML 66Page - Freescale Semiconductor, Inc MCIMX502CVK8B Datasheet HTML 67Page - Freescale Semiconductor, Inc MCIMX502CVK8B Datasheet HTML 68Page - Freescale Semiconductor, Inc MCIMX502CVK8B Datasheet HTML 69Page - Freescale Semiconductor, Inc MCIMX502CVK8B Datasheet HTML 70Page - Freescale Semiconductor, Inc MCIMX502CVK8B Datasheet HTML 71Page - Freescale Semiconductor, Inc MCIMX502CVK8B Datasheet HTML 72Page - Freescale Semiconductor, Inc MCIMX502CVK8B Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 134 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
69
4.8.2
DRAM Command and Address Output Timing—LPDDR2
The following diagrams and tables specify the timings related to the address and command pins, which
interface LPDDR2 memory devices.
Table 45. EMI Command/Address AC Timing
ID
Description
Symbol
Min
Max
Unit
DDR1
CK cycle time
tCK
3.75
ns
DDR2
CK high level width
tCH
0.48 tCK
0.52 tCK
ns
DDR3
CK low level width
tCL
0.48 tCK
0.52 tCK
ns
DDR4
Control output setup time
tIS
0.5 tCK
- 0.3
—ns
DDR5
Control output hold time
tIH
0.5 tCK
- 0.3
—ns
DDR6
CK >= 200 MHz
Address output setup time
tIS
0.5 tCK
- 1.3
—ns
DDR7
CK >= 200 MHz
Address output hold time
tIH
0.5 tCK
- 1.3
—ns
DDR6
CK < 200 MHz
Address output setup time
tIS
1
ns
DDR7
CK < 200 MHz
Address output hold time
tIH
1
ns
Figure 29. DRAM Command/Address Output Timing—LPDDR2
DRAM_SDCLK
DRAM_SDCLK_B
DRAM_CS0
DRAM_A[9:0]
DDR1
DDR2
DDR3
DDR4
DDR5
rise
fall
DDR6
DDR7


Similar Part No. - MCIMX502CVK8B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX502CVK8B NXP-MCIMX502CVK8B Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
More results

Similar Description - MCIMX502CVK8B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX50CEC NXP-IMX50CEC Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX28CEC NXP-IMX28CEC Datasheet
817Kb / 74P
   i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
logo
Freescale Semiconductor...
MCIMX53XD FREESCALE-MCIMX53XD Datasheet
1Mb / 204P
   i.MX53xD Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX53CEC NXP-IMX53CEC Datasheet
1Mb / 177P
   i.MX53xD Applications Processors for Consumer Products
Rev. 8, 02/2021
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
logo
Freescale Semiconductor...
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com