Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX503CVK8B Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVK8B
Description  i.MX50 Applications Processors for Consumer Products
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVK8B Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVK8B Datasheet HTML 73Page - Freescale Semiconductor, Inc MCIMX503CVK8B Datasheet HTML 74Page - Freescale Semiconductor, Inc MCIMX503CVK8B Datasheet HTML 75Page - Freescale Semiconductor, Inc MCIMX503CVK8B Datasheet HTML 76Page - Freescale Semiconductor, Inc MCIMX503CVK8B Datasheet HTML 77Page - Freescale Semiconductor, Inc MCIMX503CVK8B Datasheet HTML 78Page - Freescale Semiconductor, Inc MCIMX503CVK8B Datasheet HTML 79Page - Freescale Semiconductor, Inc MCIMX503CVK8B Datasheet HTML 80Page - Freescale Semiconductor, Inc MCIMX503CVK8B Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 134 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
77
4.9.3
Enhanced Secured Digital Host Controller (eSDHCv2/v3) and uSDHC
AC Timing
This section describes the electrical information of the eSDHCv2/v3 and the uSDHC, which includes
SD/eMMC4.3 (Single Data Rate) timing and eMMC4.4 (Dual Date Rate) timing.
4.9.3.1
SD/eMMC4.3 (Single Data Rate) eSDHCv3 and uSDHC AC Timing
Figure 36 depicts the timing of SD/eMMC4.3, and Table 53 lists the SD/eMMC4.3 timing characteristics.
Figure 36. SD/eMMC4.3 Timing
Table 53. SD/eMMC4.3 Interface Timing Specification
ID
Parameter
Symbols
Min
Max
Unit
Card Input Clock
SD1
Clock Frequency (Low Speed)
fPP
1
0400
kHz
Clock Frequency (SD/SDIO Full Speed/High Speed)
fPP
2
0
25/50
MHz
Clock Frequency (MMC Full Speed/High Speed)
fPP
3
0
20/52
MHz
Clock Frequency (Identification Mode)
fOD
100
400
kHz
SD2
Clock Low Time
tWL
7—
ns
SD3
Clock High Time
tWH
7—
ns
SD4
Clock Rise Time
tTLH
—3
ns
SD5
Clock Fall Time
tTHL
—3
ns
SD1
SD3
SD5
SD4
SD7
CMD
output from eSDHCv2 to card
DAT1
......
DAT7
DAT0
CMD
input from card to eSDHCv2
DAT1
......
DAT7
DAT0
SCK
SD2
SD8
SD6


Similar Part No. - MCIMX503CVK8B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX503CVK8B NXP-MCIMX503CVK8B Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
More results

Similar Description - MCIMX503CVK8B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX50CEC NXP-IMX50CEC Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX28CEC NXP-IMX28CEC Datasheet
817Kb / 74P
   i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
logo
Freescale Semiconductor...
MCIMX53XD FREESCALE-MCIMX53XD Datasheet
1Mb / 204P
   i.MX53xD Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX53CEC NXP-IMX53CEC Datasheet
1Mb / 177P
   i.MX53xD Applications Processors for Consumer Products
Rev. 8, 02/2021
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
logo
Freescale Semiconductor...
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com