Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC10XS3412CHFK Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part No. MC10XS3412CHFK
Description  Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC10XS3412CHFK Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
10XS3412
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Bulb Cooling Time Step for 28 W bit = 0
CB[1:0]=00 or 11 (medium)
CB[1:0]=01 (fast)
CB[1:0]=10 (slow)
for 28 W bit = 1
CB[1:0]=00 or 11 (medium)
CB[1:0]=01 (fast)
CB[1:0]=10 (slow)
tBC1_00
tBC2_00
tBC3_00
tBC4_00
tBC5_00
tBC6_00
tBC1_01
tBC2_01
tBC3_01
tBC4_01
tBC5_01
tBC6_01
tBC1_10
tBC2_10
tBC3_10
tBC4_10
tBC5_10
tBC6_10
tBC1_00
tBC2_00
tBC3_00
tBC4_00
tBC5_00
tBC6_00
tBC1_01
tBC2_01
tBC3_01
tBC4_01
tBC5_01
tBC6_01
tBC1_10
tBC2_10
tBC3_10
tBC4_10
tBC5_10
tBC6_10
242
126
140
158
181
211
121
63
70
79
90
105
484
252
280
316
362
422
291
156
178
208
251
314
146
78
88
101
126
226
583
312
357
417
501
628
347
181
200
226
259
302
173
90
100
113
129
151
694
362
400
452
518
604
417
224
255
298
359
449
209
112
127
145
180
324
834
448
510
596
717
898
452
236
260
294
337
393
226
118
130
147
169
197
1904
472
520
588
674
786
542
292
332
388
467
584
272
146
166
189
234
422
1085
582
665
775
933
1170
ms
Table 5. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
≤ VPWR ≤ 20 V, 3.0 V ≤ VDD ≤ 5.5 V, -40 °C ≤ TA ≤ 125 °C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn