Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC10XS3412CHFK Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part No. MC10XS3412CHFK
Description  Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC10XS3412CHFK Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
10XS3412
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Output Over-current Time Step for 28 W bit = 1
OC[1:0]=00 (slow by default)
OC[1:0]=01 (fast)
OC[1:0]=10 (medium)
OC[1:0]=11 (very slow)
tOC1_00
tOC2_00
tOC3_00
tOC4_00
tOC5_00
tOC6_00
tOC7_00
tOC1_01
tOC2_01
tOC3_01
tOC4_01
tOC5_01
tOC6_01
tOC7_01
tOC1_10
tOC2_10
tOC3_10
tOC4_10
tOC5_10
tOC6_10
tOC7_10
tOC1_11
tOC2_11
tOC3_11
tOC4_11
tOC5_11
tOC6_11
tOC7_11
3.4
1.1
1.4
2.0
3.4
8.5
62.4
0.86
0.28
0.36
0.51
0.78
2.14
20.2
1.7
0.5
0.7
1.0
1.7
4.2
31.2
6.8
2.2
2.9
4.0
6.8
17.0
124.8
4.9
1.6
2.1
2.9
4.9
12.2
89.2
1.24
0.40
0.52
0.74
1.12
3.06
22.2
2.5
0.8
1.0
1.5
2.5
6.1
44.6
9.8
3.2
4.2
5.8
9.8
24.4
178.4
6.4
2.1
2.8
3.8
6.4
15.9
116.0
1.61
0.52
0.68
0.96
1.46
3.98
28.9
3.3
1.0
1.3
2.0
3.3
6.0
58.0
12.8
16.7
5.5
7.6
12.8
31.8
232.0
ms
Table 5. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
≤ VPWR ≤ 20 V, 3.0 V ≤ VDD ≤ 5.5 V, -40 °C ≤ TA ≤ 125 °C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn